Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCOP030AP Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # PCOP030AP
Description  Precision compensated pressure sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PCOP030AP Datasheet(HTML) 2 Page - Sensortechnics GmbH

  PCOP030AP Datasheet HTML 1Page - Sensortechnics GmbH PCOP030AP Datasheet HTML 2Page - Sensortechnics GmbH PCOP030AP Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCO Series P-grade
Precision compensated pressure sensors / mV-output
2/3
E / 11731 / D0
www.sensortechnics.com
PRESSURE SENSOR CHARACTERISTICS1
.
o
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
2
t
s
r
u
B
e
r
u
s
s
e
r
p
3
n
a
p
s
e
l
a
c
s
l
l
u
F
4
.
n
i
M.
p
y
T.
x
a
M
P
D
4
0
0
H
O
C
PH
n
i
4
.
.
.
0
2Oi
s
p
3i
s
p
5
1V
m
5
.
9
3V
m
0
4V
m
5
.
0
4
P
D
3
x
0
P
O
C
Pi
s
p
3
.
0
.
.
.
0i
s
p
5i
s
p
5
1V
m
8
.
9
1V
m
0
2V
m
2
.
0
2
P
D
1
0
0
P
O
C
Pi
s
p
1
.
.
.
0i
s
p
5i
s
p
5
1V
m
2
8
.
7
1V
m
8
1V
m
8
1
.
8
1
P
D
5
0
0
P
O
C
Pi
s
p
5
.
.
.
0i
s
p
0
1i
s
p
0
3V
m
4
.
9
5V
m
0
6V
m
6
.
0
6
P
D
5
1
0
P
O
C
Pi
s
p
5
1
.
.
.
0i
s
p
0
6i
s
p
0
2
1V
m
1
.
9
8V
m
0
9V
m
9
.
0
9
P
D
0
3
0
P
O
C
Pi
s
p
0
3
.
.
.
0i
s
p
0
9i
s
p
0
5
1V
m
1
.
9
8V
m
0
9V
m
9
.
0
9
P
D
0
0
1
P
O
C
Pi
s
p
0
0
1
.
.
.
0i
s
p
0
0
2i
s
p
0
5
2V
m
9
9V
m
0
0
1V
m
1
0
1
P
D
0
5
1
P
O
C
Pi
s
p
0
5
1
.
.
.
0i
s
p
0
0
2i
s
p
0
5
2V
m
1
.
9
8V
m
0
9V
m
9
.
0
9
P
A
5
1
0
P
O
C
Pa
i
s
p
5
1
.
.
.
0a
i
s
p
0
6a
i
s
p
0
2
1V
m
1
.
9
8V
m
0
9V
m
9
.
0
9
P
A
0
3
0
P
O
C
Pa
i
s
p
0
3
.
.
.
0a
i
s
p
0
9a
i
s
p
0
5
1V
m
1
.
9
8V
m
0
9V
m
9
.
0
9
P
A
0
0
1
P
O
C
Pa
i
s
p
0
0
1
.
.
.
0a
i
s
p
0
0
2a
i
s
p
0
5
2V
m
9
9V
m
0
0
1V
m
1
0
1
COMMON PERFORMANCE CHARACTERISTICS1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z,
P
D
4
0
0
H
O
C
P
P
A
.
.
.
O
C
P
5
.
0
±
V
m
s
r
e
h
t
o
ll
a5
2
.
0
±
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
5
1
.
0
±5
.
0
±S
F
%
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T)
C
°
0
7
.
.
.
0
(
6
t
e
s
f
f
O1
.
0
±5
.
0
±V
m
n
a
p
S2
.
0
±0
.
1
±S
F
%
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
Ω
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
Specification notes:
1.
2.
3.
4.
5.
6.
Reference conditions: unless otherwise noted, supply voltage V
S = 12 V, TA = 25°C, common-mode pressure 0, pressure
applied to port B. For absolute devices pressure is applied to port A and the output polarity is inversed.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
of the sensing element.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from
the housing.
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The span is ratiometric to the supply voltage.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
Shifts relative to 25°C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com