Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB669 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB669
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB669 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB669 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB669 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Darlington Power Transistor
2SB669
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -70V(Min)
·
High DC Current Gain
: hFE= 2000(Min) @IC= -1A
·
Low Saturation Voltage
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in power amplifier and switching
applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-70
V
VCEO
Collector-Emitter Voltage
-70
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
ICP
Collector Current-Peak
-6
A
IB
Base Current-Continuous
-0.3
A
PC
Collector Power Dissipation
@ Ta=25℃
2
W
Collector Power Dissipation
@ TC=25℃
40
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SB669

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
2SB660RQ-SQ HUIXIN-2SB660RQ-SQ Datasheet
1Mb / 5P
PNP Silicon Epitaxial Planar Power Transistor
logo
Savantic, Inc.
2SB668 SAVANTIC-2SB668 Datasheet
89Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB668 JMNIC-2SB668 Datasheet
154Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB668 ISC-2SB668 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB668 SAVANTIC-2SB668 Datasheet
91Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SB669

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com