Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP06 Datasheet(PDF) 12 Page - Analog Devices

Part # TMP06
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06 Datasheet(HTML) 12 Page - Analog Devices

Back Button TMP06 Datasheet HTML 8Page - Analog Devices TMP06 Datasheet HTML 9Page - Analog Devices TMP06 Datasheet HTML 10Page - Analog Devices TMP06 Datasheet HTML 11Page - Analog Devices TMP06 Datasheet HTML 12Page - Analog Devices TMP06 Datasheet HTML 13Page - Analog Devices TMP06 Datasheet HTML 14Page - Analog Devices TMP06 Datasheet HTML 15Page - Analog Devices TMP06 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 12 of 28
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–40
–20
0
20
40
60
80
100
120
140
VDD = 5.5V
VDD = 5V
TEMPERATURE (
°C)
Figure 18. Temperature Offset vs. Power Supply Variation from 3.3 V
140
120
100
80
60
40
20
0
0
10
203040
5060
70
TIME (Seconds)
TEMPERATURE OF
ENVIRONMENT (30
°C)
CHANGED HERE
FINAL TEMPERATURE = 120
°C
Figure 19. Response to Thermal Shock
1.25
1.00
0.75
0.50
0.25
0
0
5
10
15
20
25
30
LOAD CURRENT (mA)
VDD = 3.3V
AMBIENT TEMPERATURE = 25
°C
Figure 20. TMP05 Temperature Error vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com