Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP431QL Datasheet(PDF) 4 Page - Anachip Corp

Part # AP431QL
Description  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP431QL Datasheet(HTML) 4 Page - Anachip Corp

  AP431QL Datasheet HTML 1Page - Anachip Corp AP431QL Datasheet HTML 2Page - Anachip Corp AP431QL Datasheet HTML 3Page - Anachip Corp AP431QL Datasheet HTML 4Page - Anachip Corp AP431QL Datasheet HTML 5Page - Anachip Corp AP431QL Datasheet HTML 6Page - Anachip Corp AP431QL Datasheet HTML 7Page - Anachip Corp AP431QL Datasheet HTML 8Page - Anachip Corp AP431QL Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
4/17
Absolute Maximum Ratings
Cathode Voltage ………………………………......…..............................……………………………...……….36V
Continuous Cathode Current ………………………….……...............................…………….... -10mA ~ 250mA
Reference Input Current Range ……………..………..............……..............................………….…....... 10mA
Operating Temperature Range (AP431)…………..…….…….....………………...........………......-20
oC ~ 85oC
(AP431I).……………….….............………………………...…….. -40
oC ~ 85oC
Lead Temperature………………………….………….…….…………....…………………….........…............ 260
oC
Storage Temperature ……………………………......…....….............………………..……............ -65
oC ~ 150oC
Power Dissipation (Notes 1. 2)
SOT89 Package .…………......……………………….............….... 0. 80W
TO92 Package ….…………..………………………....……….....… 0.78W
SOT23 package .……………..…………….......………………….…. 0.25W
SOT25 Package……………….……...…………….…………………..0.25W
SOP Package………………..………………………………..……… 0.6W
Note 1: TJ, max =150
oC
Note 2: Ratings apply to ambient temperature at 25
oC
Electrical Characteristics (Ta=25oC , unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL MIN. TYP. MAX. UNIT
AP431
2.470 2.495 2.520
Reference voltage
VKA = VREF,
I KA = 10mA (Fig.1) AP431A
VREF
2.482
2.507
V
Deviation of Reference input voltage
over temperature (Note 3)
VKA = VREF, IKA = 10mA,
Ta = Full range (Fig.1)
VREF
8.0
20
mV
VKA = 10V
~VREF
∆VREF
-1.4
-2.0 mV/V
Ratio of the change in Reference
voltage to the change in Cathode
voltage
IKA = 10mA (Fig.2)
VKA= 36V ~10V
∆VKA
-1
-2
mV/V
Reference input current
R1 = 10KΩ,R2 = ∞ IKA= 10mA
(Fig.2)
IREF
1.4
3.5
µA
Deviation of Reference input current
over temperature
R1 = 10KΩ,R2 = ∞ IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum Cathode current for
regulation
VKA = VREF (Fig.1)
IKA(MIN)
0.19
0.5
mA
Off-state current
VKA = 36V, VREF = 0V (Fig.3)
IKA(OFF)
0.1
1.0
µA
Dynamic output impedance (Note 4)
V KA = VREF V KA = VREF
∆IKA = 0.1mA ~ 15mA
Frequency ≤ 1KHz (Fig.1)
KA
Z
0.2
0.5
Ω
VMAX
VMIN
TI
T2
TEMPERATURE
VDEV = VMAX - VMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com