Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AS160 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AS160
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AS160 Datasheet(HTML) 1 Page - Texas Instruments

  74AS160 Datasheet HTML 1Page - Texas Instruments 74AS160 Datasheet HTML 2Page - Texas Instruments 74AS160 Datasheet HTML 3Page - Texas Instruments 74AS160 Datasheet HTML 4Page - Texas Instruments 74AS160 Datasheet HTML 5Page - Texas Instruments 74AS160 Datasheet HTML 6Page - Texas Instruments 74AS160 Datasheet HTML 7Page - Texas Instruments 74AS160 Datasheet HTML 8Page - Texas Instruments 74AS160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN54ALS160B THRU SN54ALS163B, SN54AS160 THRU SN54AS163
SN74ALS160B THRU SN74ALS163B, SN74AS160 THRU SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS024A – D2661, APRIL 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1986, Texas Instruments Incorporated
5BASIC
1
• Internal Look-Ahead for Fast Counting
• Carry Output for n-Bit Cascading
• Synchronous Counting
• Synchronously Programmable
• Package Options include Plastic Small
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
• Dependable Texas Instruments Quality and
Reliability
description
These synchronous, presettable counters feature
an internal carry look-ahead for application in
high-speed counting designs. The ’ALS160B,
’ALS162B, ’AS160, and ’AS162 are decade
counters, and the ’ALS161B, ’ALS163B, ’AS161,
and ’AS163 are 4-bit binary counters. Synchro-
nous operation is provided by having all flip-flops
clocked simultaneously so that the outputs
change coincident with each other when so
instructed by the count-enable inputs and internal
gating. This mode of operation eliminates the
output counting spikes that are normally asso-
ciated
with
asynchronous
(ripple
clock)
counters. A buffered clock input triggers the four
flip-flops on the rising (positive-going) edge of the
clock input waveform.
These counters are fully programmable; that is, they may be preset to any number between 0 and 9, or 15. As
presetting is synchronous, setting up a low level at the load input disables the counter and causes the outputs
to agree with the setup data after the next clock pulse regardless of the levels of the enable inputs.
The clear function for the ’ALS160B, ’ALS161B, ’AS160, and ’AS161 is asynchronous and a low level at the clear
input sets all four of the flip-flop outputs low regardless of the levels of the clock, load, or enable inputs. This
synchronous clear allows the count length to be modified easily by decoding the Q outputs for the maximum
count desired. The active-low output of the gate used for decoding is connected to the clear input to
synchronously clear the counter to 0000 (LLLL).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. Instrumental in accomplishing this function are two count-enable inputs and a ripple carry
output. Both count-enable inputs (ENP and ENT) must be high to count, and ENT is fed forward to enable the
ripple carry output. The ripple carry output (RCO) thus enabled will produce a high-level pulse while the count
is maximum (9 or 15 with QA high). This high-level overflow ripple carry pulse can be used to enable successive
cascaded stages. Transitions at the ENP or ENT are allowed regardless of the level of the clock input.
These counters feature a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that
will modify the operating mode have no effect on the contents of the counter until clocking occurs. The function
of the counter (whether enabled, disabled, loading, or counting) will be dictated solely by the conditions meeting
the stable setup and hold times.
The SN54ALS160B through SN54ALS163B and SN54AS160 through SN54AS163 are characterized for
operation over the full military temperature range of – 55
°C to 125°C. The SN74ALS160B through
SN74ALS163B and SN74AS160 through SN74AS163 are characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
SN54ALS’, SN54AS’ ...J PACKAGE
SN74ALS’, SN74AS’ ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QA
QB
NC
QC
QD
A
B
NC
C
D
SN54ALS’, SN54AS’ . . . FK PACKAGE
(TOP VIEW)
NC–No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - 74AS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AS174 TI-74AS174 Datasheet
598Kb / 21P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
74AS174 TI1-74AS174 Datasheet
857Kb / 21P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS
74AS175B TI-74AS175B Datasheet
598Kb / 21P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
74AS175B TI1-74AS175B Datasheet
857Kb / 21P
HEX/QUADRUPLE D-TYPE FLIP-FLOPS
More results

Similar Description - 74AS160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54290 TI-SN54290 Datasheet
297Kb / 8P
DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
DECADE AND 4-BIT BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com