Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM285Z Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM285Z
Description  Adjustable Micropower Voltage References
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM285Z Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM285Z Datasheet HTML 1Page - National Semiconductor (TI) LM285Z Datasheet HTML 2Page - National Semiconductor (TI) LM285Z Datasheet HTML 3Page - National Semiconductor (TI) LM285Z Datasheet HTML 4Page - National Semiconductor (TI) LM285Z Datasheet HTML 5Page - National Semiconductor (TI) LM285Z Datasheet HTML 6Page - National Semiconductor (TI) LM285Z Datasheet HTML 7Page - National Semiconductor (TI) LM285Z Datasheet HTML 8Page - National Semiconductor (TI) LM285Z Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 2)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range (Note 3)
LM185 Series
−55˚C to 125˚C
LM285 Series
−40˚C to 85˚C
LM385 Series
0˚C to 70˚C
Storage Temperature
−55˚C to 150˚C
Soldering Information
TO-92 Package (10 sec.)
260˚C
TO-46 Package (10 sec.)
300˚C
SO Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See An-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics (Note 4)
Parameter
Conditions
LM185, LM285
LM385
Typ
LM185BX,
LM185BY
Typ
LM385BX,
LM185B,
LM285BX,
LM285
LM385BY
LM385
Units
LM285BY
(Limit)
Tested Design Tested Design
Tested Design Tested Design
Limit
Limit
Limit
Limit
Limit
Limit
Limit
Limit
(Note
5)
(Note
6)
(Note
5)
(Note
6)
(Note
5)
(Note
6)
(Note
5)
(Note
6)
Reference
Voltage
I
R = 100µA
1.240
1.252
1.265
1.270 1.240
1.252
1.255
1.265
1.270
V
1.255
(max)
1.228
1.215
1.205
1.228
1.215
1.215
1.205
V
1.215
(min)
Reference
Voltage
I
MIN< IR < 1mA
0.2
1
1.5
1
1.5
0.2
1
1.5
1
1.5
mV
Change with
Current
1mA < I
R < 20mA
4
10
20
10
20
515
25
15
25
(max)
Dynamic Output I
R = 100µA,
f = 100Hz
Impedance
I
AC = 0.1 IR
V
OUT =
V
REF
0.3
0.4
Ω
V
OUT =
5.3V
0.7
1
Reference
Voltage
I
R = 100µA
mV
Change with
Output
13
6
3
6
25
10
5
10
(max)
Voltage
Feedback
Current
13
20
25
20
25
16
30
35
30
35
nA
(max)
Minimum
Operating
V
OUT =VREF
69
10
9
10
711
13
11
13
µA
Current (see
curve)
V
OUT = 5.3V
30
45
50
45
50
35
55
60
55
60
(max)
Output
Wideband
I
R = 100µA, 10Hz < f <
10kHz
Noise
V
OUT =VREF
50
50
µV
rms
V
OUT = 5.3V
170
170
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com