Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3225-EP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REF3225-EP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3225-EP Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3225-EP Datasheet HTML 9Page - Texas Instruments REF3225-EP Datasheet HTML 10Page - Texas Instruments REF3225-EP Datasheet HTML 11Page - Texas Instruments REF3225-EP Datasheet HTML 12Page - Texas Instruments REF3225-EP Datasheet HTML 13Page - Texas Instruments REF3225-EP Datasheet HTML 14Page - Texas Instruments REF3225-EP Datasheet HTML 15Page - Texas Instruments REF3225-EP Datasheet HTML 16Page - Texas Instruments REF3225-EP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
V
HYST
+
V
PRE
* VPOST
V
NOM
106(ppm)
Drift +
V
OUTMAX
* VOUTMIN
V
OUT
Temp Range
106(ppm)
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
www.ti.com
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
Shutdown
The REF32xx can be placed in a low-power mode by pulling the ENABLE/SHUTDOWN pin low. When in
shutdown mode the output of the REF32xx becomes a resistive load to ground. The value of the load depends
on the model, and ranges from approximately 100 k
Ω to 400 kΩ.
The ENABLE pin must always be driven to a valid voltage level (VL or VH) as shown in the Electrical
Characteristics section of this datasheet. To maintain the low quiescent current (100
μA typ), the ENABLE pin
was designed without an internal pull-up resistor. In applications where the shutdown feature will not be used,
connecting the ENABLE pin high (to the IN pin) will ensure enabled operation of the device.
Thermal Hysteresis
Thermal hysteresis for the REF32xx is defined as the change in output voltage after operating the device at
25
°C, cycling the device through the specified temperature range, and returning to 25°C. It can be expressed as:
(1)
Where:
VHYST = Thermal hysteresis (in units of ppm)
VNOM = The specified output voltage
VPRE = Output voltage measured at 25°C pretemperature cycling
VPOST = Output voltage measured after the device has been cycled through the specified temperature
range of
–40°C to 125°C and returned to 25°C
Temperature Drift
The REF32xx is designed to exhibit minimal drift error, which is defined as the change in output voltage over
varying temperature. The drift is calculated using the box method, as described by the following equation:
(2)
The REF32xx features a typical drift coefficient of 4 ppm/
°C from 0°C to 125°C — the primary temperature range
for many applications. For the extended temperature range of
–55°C to 125°C, the REF32xx family drift
increases to a typical value of 10.5 ppm/
°C.
Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise can be seen in the Typical Characteristic curve, 0.1-Hz to 10-Hz Voltage
Noise. The noise voltage of the REF32xx increases with output voltage and operating temperature. Additional
filtering can be used to improve output noise levels, although care should be taken to ensure the output
impedance does not degrade ac performance.
Long-Term Stability
Long-term stability refers to the change of the output voltage of a reference over a period of months or years.
This effect lessens as time progresses, as is shown by the long-term stability Typical Characteristic curves. The
typical drift value for the REF32xx is 55 ppm from 0 to 1000 hours. This parameter is characterized by measuring
30 units at regular intervals for a period of 1000 hours.
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com