| Electronic Components Datasheet Search |
|
ADE3000SX Datasheet(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADE3000SX Datasheet(HTML) 60 Page - STMicroelectronics |
|
60 / 88 page ![]() Pattern Generator Block ADE3XXX 60/88 2.17 Pattern Generator Block The integrated Pattern Generator displays a set of graphic patterns to help debugging systems and test LCD panels. It is located ahead of the color management block, all generated colors are subject to further transforms. The screen can be split into a programmable grid of up to 8x8 areas. One of two independent programmable patterns are displayed in each area. Screen Split A set of eight Grid registers grid0 - grid7, each with 8 bits, represents a block map of the grid (8x8 blocks). Each bit from the Grid registers represents one rectangular (gridX)x(gridY) block of pixels which covers the LCD screen display area. Within these registers, a 0 selects Pattern 0 (defined below) and a 1 selects Pattern 1. All cells are the same size, defined by one horizontal and one vertical grid block size registers gridX and gridY. TCON_X_55 0x0BB7 R/W [7:0] Input Selection for SRTD_27.B1 TCON_X_56 0x0BB8 R/W [7:0] Input Selection for SRTD_28.A1 TCON_X_57 0x0BB9 R/W [7:0] Input Selection for SRTD_28.B1 TCON_X_58 0x0BBA R/W [7:0] Input Selection for SRTD_29.A1 TCON_X_59 0x0BBB R/W [7:0] Input Selection for SRTD_29.B1 TCON_X_60 0x0BBC R/W [7:0] Input Selection for SRTD_30.A1 TCON_X_61 0x0BBD R/W [7:0] Input Selection for SRTD_30.B1 TCON_X_62 0x0BBE R/W [7:0] Input Selection for SRTD_31.A1 TCON_X_63 0x0BBF R/W [7:0] Input Selection for SRTD_31.B1 1. Refer to register TCON_X_O for definition. Figure 7: Pattern Generator: Screen Split Table 20: TCON Registers (Sheet 6 of 6) Register Name Addr. Mode Bits Default Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |