Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV-R Datasheet(PDF) 1 Page - Recom International Power

Part # RV-R
Description  EN-61010 for Test, Measurement and Lab Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RV-R Datasheet(HTML) 1 Page - Recom International Power

  RV-R Datasheet HTML 1Page - Recom International Power RV-R Datasheet HTML 2Page - Recom International Power RV-R Datasheet HTML 3Page - Recom International Power RV-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2 Watt DIP24
Miniature
Single & Dual
Output
UL/CSA and EN-60950-1 Safety certified
EN-61010 for Test, Measurement and Lab Use
UL/CSA and EN-60601 for Medical Applications
6.4kVDC or 8kV Reinforced Isolation
Optional Continuous Short Circuit Protection
Efficiency to 88%
Space Saving „Skinny DIP“ Package
Very Low Isolation Capacitance
Features
Unregulated
Converters
Selection Guide
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
Derating-Graph
(Ambient Temperature)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
200mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 75% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
/R6.4
(tested for 1 second)
6400VDC
(rated for 1 minute**)
3200VAC / 60Hz
/R8
(tested for 1 second)
8000VDC
(rated for 1 minute**)
4000VAC / 60Hz
Isolation Capacitance
2pF min. / 12pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
continuned on next page
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Description
Very high isolation in a small size are the main features of this miniature DIP24 converter,
ideal for highly sophisticated industrial, test and measurement and medical designs where
board space is at a premium.
RV/R
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Refer to Application Notes
E-314885
Part
Reinforced
Input
Output
Output
Efficiency
Max
Number
Isolation
Voltage
Voltage
Current
Std
Capacitive
SIP 7
(kVDC)
(VDC)
(VDC)
(mA)
(%)
Load(1)
RV-xx3.3S
/R6.4 & /R8
3.3, 5, 12, 15, 24
3.3
600
70-78
3300µF
RV-xx05S
/R6.4 & /R8
3.3, 5, 12, 15, 24
5
400
76-80
1200µF
RV-xx09S
/R6.4 & /R8
3.3, 5, 12, 15, 24
9
222
78-85
1200µF
RV-xx12S
/R6.4 & /R8
3.3, 5, 12, 15, 24
12
167
78-85
680µF
RV-xx15S
/R6.4 & /R8
3.3, 5, 12, 15, 24
15
132
78-88
680µF
RV-xx3.3D
/R6.4 & /R8
3.3, 5, 12, 15, 24
±3.3
±300
70-78
±1500µF
RV-xx05D
/R6.4 & /R8
3.3, 5, 12, 15, 24
±5
±200
75-82
±470µF
RV-xx09D
/R6.4 & /R8
3.3, 5, 12, 15, 24
±9
±111
76-84
±470µF
RV-xx12D
/R6.4 & /R8
3.3, 5, 12, 15, 24
±12
±85
78-86
±220µF
RV-xx15D
/R6.4 & /R8
3.3, 5, 12, 15, 24
±15
±66
78-86
±220µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
RV-0505S/P, RV-0505D/P
* add Suffix “/R6.4”or “/R8” for Reinforced Isolation, e.g.
RV-0505S/R6.4, RV-0505D/P/R8
For functional isolation, please refer to RV sereis datasheet
EN-60950-1 Certified
EN-60601-1 Certified
UL/CSA 60950-1 Certified
UL-60601-1 Certified
EN-61010-1 Certified
IEC-60601-1 CB Report
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 1/2015
E-113
www.recom-power.com


Similar Part No. - RV-R

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RV-0505D RECOM-RV-0505D Datasheet
108Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505D RECOM-RV-0505D Datasheet
106Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505DP RECOM-RV-0505DP Datasheet
106Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505S RECOM-RV-0505S Datasheet
108Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
RV-0505S RECOM-RV-0505S Datasheet
106Kb / 3P
2 Watt DIP24 Miniature Single & Dual Output
More results

Similar Description - RV-R

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
RTC100 SYSTEMSENSOR-RTC100 Datasheet
72Kb / 2P
Remote Test Coil Kit for use
logo
Bourns Electronic Solut...
PWR163S-25-10R0JE BOURNS-PWR163S-25-10R0JE Datasheet
362Kb / 3P
PWR163 Series Power Resistor Test and measurement
logo
SL Power Electronics
TB65 SLPOWER-TB65 Datasheet
495Kb / 6P
65W Single Output Test and Measurement/Industrial Series
logo
Recom International Pow...
RXXP2XX-R RECOM-RXXP2XX-R Datasheet
124Kb / 4P
EN-61010 for Test, Measurement and Lab Use
logo
SL Power Electronics
TB110S SLPOWER-TB110S Datasheet
632Kb / 4P
110W Single Output Test and Measurement/Industrial Series
logo
Keysight Technologies
Y9071B KEYSIGHT-Y9071B Datasheet
3Mb / 29P
Measurement Applications For the E6640A EXM Wireless Test Set
logo
Analog Devices
HMC1099 AD-HMC1099 Datasheet
486Kb / 17P
Test and measurement equipment
REV. A
logo
Maxim Integrated Produc...
MAX77827EVKIT MAXIM-MAX77827EVKIT Datasheet
1Mb / 9P
Accessible Test Points for EN, POK, and OUTS
Rev 0; 5/19
MAX77813EVKIT MAXIM-MAX77813EVKIT Datasheet
1Mb / 8P
Accessible Test Points for EN, POK, and ILIM
Rev 0; 12/18
MAX20360EVKIT MAXIM-MAX20360EVKIT Datasheet
5Mb / 35P
Sense Test Point for Output-Voltage Measurement
Rev 2; 7/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com