Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM3020T-R47M-LR Datasheet(PDF) 7 Page - TDK Electronics

Part # SPM3020T-R47M-LR
Description  Inductors for Power Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM3020T-R47M-LR Datasheet(HTML) 7 Page - TDK Electronics

  SPM3020T-R47M-LR Datasheet HTML 1Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 2Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 3Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 4Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 5Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 6Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 7Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 8Page - TDK Electronics SPM3020T-R47M-LR Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
(7/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_spm3020-lr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SPM3020-LR Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.1
1
10
100
Frequency (MHz)
0.0
5.0
10.0
15.0
20.0
30.0
25.0
4R7M
3R3M
2R2M
1R5M
1R0M
R47M
Product No.
Manufacturer
4294A
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com