Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB522PRGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB522PRGET
Description  3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB522PRGET Datasheet(HTML) 1 Page - Texas Instruments

  TUSB522PRGET Datasheet HTML 1Page - Texas Instruments TUSB522PRGET Datasheet HTML 2Page - Texas Instruments TUSB522PRGET Datasheet HTML 3Page - Texas Instruments TUSB522PRGET Datasheet HTML 4Page - Texas Instruments TUSB522PRGET Datasheet HTML 5Page - Texas Instruments TUSB522PRGET Datasheet HTML 6Page - Texas Instruments TUSB522PRGET Datasheet HTML 7Page - Texas Instruments TUSB522PRGET Datasheet HTML 8Page - Texas Instruments TUSB522PRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
20"
Redriver
USB Host
USB
Connector
20"
1"-6"
Main PCB
Main PCB
Redriver
USB Host
Device
Device PCB
Connector
3m USB
3.0 Cable
Receiver/
Equalizer
Driver
EQ
CNTRL
LFPS
CONTROLLER
DEMP
CNTRL
Driver
Receiver/
Equalizer
Detect
OS
Cntrl.
Detect
EN_RXD
CHANNEL 1
CHANNEL 2
RX1P
RX1N
EQ1
EQ2
DE1
DE2
TX1P
TX1N
RX2P
RX2N
TX2N
TX2N
OS1
OS2
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB522P
SLLSEV9A – JULY 2016 – REVISED OCTOBER 2016
TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
1
1 Features
1
USB3.1 GEN1 5 Gbps, Dual-Channel Re-Driver
with 3.3-V Power Supply
Ultra-Low-Power Architecture
Active: 98 mA
U2, U3: 1.2 mA
Disconnect 265 µA
Shutdown 60 µA
Optimal Receiver Equalization
of 3, 6, 9 dB at 2.5 GHz
Output Driver De-emphasis of 0, 3.5, and 6 dB
Automatic LFPS De-Emphasis Control to Meet
USB 3.1 Certification Requirements
No Host/Device-Side Requirement
Hot-Plug Capable
Industrial Temperature Range: –40ºC to 85ºC
TUSB522PI
Commercial Temperature Range: 0ºC to 70ºC
TUSB522P
2 Applications
Cell Phones
Tablets
Notebooks
Desktops
Docking Stations
Backplanes and Active Cables
3 Description
The TUSB522P is a fourth generation, dual-channel,
single-lane USB 3.1 GEN1 redriver and signal
conditioner supporting 5 Gbps. The device offers low
power consumption on a 3.3 V supply with its ultra-
low-power architecture. The redriver also supports
the USB 3.1 low power modes, which further reduces
idle power consumption.
The dual-channel capability enables the system to
maintain signal integrity on both transmit and receive
data paths. The receiver equalization has three gain
settings to overcome channel degradation from
insertion loss and inter-symbol interference. These
settings
are
controlled
from
the
EQ
pins.
To
compensate for transmission line losses, the output
driver supports configuration of De-Emphasis with
pins DE. Additionally, automatic LFPS De-Emphasis
control allows for full USB 3.1 compliance. These
settings
allow
optimal
performance,
increased
signaling distance, and flexibility in placement of the
TUSB522P
in
the
USB 3.1 GEN1 path.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB522P
VQFN (24)
4.00 mm x 4.00 mm
TUSB522PI
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Simplified Schematic


Similar Part No. - TUSB522PRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB522PRGET TI2-TUSB522PRGET Datasheet
2Mb / 26P
TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
REVISED NOVEMBER 2023
TUSB522PRGET.A TI2-TUSB522PRGET.A Datasheet
2Mb / 26P
TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
REVISED NOVEMBER 2023
TUSB522PRGETG4 TI2-TUSB522PRGETG4 Datasheet
2Mb / 26P
TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
REVISED NOVEMBER 2023
TUSB522PRGETG4.A TI2-TUSB522PRGETG4.A Datasheet
2Mb / 26P
TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
REVISED NOVEMBER 2023
More results

Similar Description - TUSB522PRGET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14972 MAXIM-MAX14972 Datasheet
1Mb / 12P
Dual SuperSpeed USB 3.0 Equalizer/Redriver
Rev 1; 3/12
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
logo
ON Semiconductor
NB7NPQ1004M ONSEMI-NB7NPQ1004M Datasheet
197Kb / 11P
3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
June, 2018 ??Rev. 0
NB7NPQ7021M ONSEMI-NB7NPQ7021M Datasheet
109Kb / 9P
3.3V USB 3.1 Dual Channel Linear Redriver
December, 2017 ??Rev. 1
logo
Transcend Information. ...
JF790 TRANSCEND-JF790 Datasheet
757Kb / 2P
USB 3.1 Gen 1
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com