Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASIMRF427 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASIMRF427
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASIMRF427 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASIMRF427 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 100 mA
110
V
BVCES
IC = 100 mA
110
V
BVCEO
IC = 200 mA
65
V
BVEBO
IE = 10 mA
4.0
V
hFE
VCE = 5.0 V
IC = 500 mA
15
90
---
Cob
VCB = 50 V
f = 1.0 MHz
60
pF
GP
IMD3
VCE = 50 V
POUT = 25 W (PEP)
f = 30 MHz
18
20
- 37
-34
dB
dBc
NPN SILICON RF POWER TRANSISTOR
MRF427
DESCRIPTION:
The
ASI MRF427 is Designed for
high voltage applications up to 30 MHz
FEATURES:
• P
G = 18 dB min. at 25 W/30 MHz
• IMD
3 = -34 dBc max. at 25 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
6.0 A
VCBO
110 V
VCEO
65 V
VEBO
4.0 V
PDISS
80 W @ TC = 25 °C
TJ
-65
OC to +200 °C
TSTG
-65
OC to +150 °C
θθθθ
JC
2.19 °C/W
PACKAGE STYLE .500 4L FLG
ORDER CODE: ASI10467
MINIMUM
inches / mm
.220 / 5.59
.720 / 18.28
.125 / 3.18
.245 / 6.22
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.255 / 6.48
.980 / 24.89
.7.30 / 18.54
inches / mm
.230 / 5.84
H
.003 / 0.08
.007 / 0.18
DIM
K
L
I
J
.090 / 2.29
.150 / 3.81
.980 / 24.89
.110 / 2.79
.175 / 4.45
1.050 / 26.67
H
I
K
J
.112x45°
FULL R
C
E
B
G
D
F
A
L
Ø.125 NOM.
.125 / 3.18
.495 / 12.57
.505 / 12.83
.280 / 7.11
E
C
E
B


Similar Part No. - ASIMRF427

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASIMRF460 ASI-ASIMRF460 Datasheet
19Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASIMRF479 ASI-ASIMRF479 Datasheet
29Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
More results

Similar Description - ASIMRF427

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com