Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP7261 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7261
Description  Dual Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7261 Datasheet(HTML) 3 Page - Copal Electronics

  DP7261 Datasheet HTML 1Page - Copal Electronics DP7261 Datasheet HTML 2Page - Copal Electronics DP7261 Datasheet HTML 3Page - Copal Electronics DP7261 Datasheet HTML 4Page - Copal Electronics DP7261 Datasheet HTML 5Page - Copal Electronics DP7261 Datasheet HTML 6Page - Copal Electronics DP7261 Datasheet HTML 7Page - Copal Electronics DP7261 Datasheet HTML 8Page - Copal Electronics DP7261 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DP7261
© NIDEC COPAL ELECTRONICS CORP.
3
Doc. No. MD-2122 Rev. E
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The DP7261 supports the SPI bus data transmission
protocol. The synchronous Serial Peripheral Interface
(SPI) helps the DP7261 to interface directly with
many
of
today's
popular
microcontrollers.
The
DP7261 contains an 8-bit instruction register. The
instruction set and the operation codes are detailed in
the instruction set table 3 on page 9.
DEVICE OPERATION
The DP7261 is two resistor arrays integrated with an
SPI serial interface logic, two 8-bit wiper control
registers and eight 8-bit, non-volatile memory data
registers. Each resistor array contains 255 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL).
RH and RL are symmetrical and may be interchanged.
The tap positions between and at the ends of the
series resistors are connected to the output wiper
terminals (RW) by a After the device is selected with
CS
¯¯¯ going low the first byte will be received. The part
is accessed via the SI pin, with data being clocked in
on the rising edge of SCK. The first byte contains one
of the six op-codes that define the operation to be
performed.
CMOS transistor switch. Only one tap point for each
potentiometer is connected to its wiper terminal at a
time and is determined by the value of the wiper
control register. Data can be read or written to the
wiper control registers or the non-volatile memory
data registers via the SPI bus. Additional instructions
allows data to be transferred between the wiper
control registers and each respective potentiometer's
non-volatile data registers. Also, the device can be
instructed to operate in an "increment/decrement"
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com