Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPB-1CC-4O2W Datasheet(PDF) 1 Page - Copal Electronics

Part # CFPB-1CC-4O2W
Description  Illuminated Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFPB-1CC-4O2W Datasheet(HTML) 1 Page - Copal Electronics

  CFPB-1CC-4O2W Datasheet HTML 1Page - Copal Electronics CFPB-1CC-4O2W Datasheet HTML 2Page - Copal Electronics CFPB-1CC-4O2W Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CFPB
Illuminated Pushbutton Switches
RoHS Compliant
■ SpeciÄcations
Rating
Max.
DC5V 5mA or DC20V 1mA
Min.
DC5V 1mA
Initial Contact Resistance
200
Ω Max  (20mV 1.5mA 1kHz Max)
Dielectric Strength
250VAC 1 minute
Insulation Resistance 100MΩ
(100VDC)
Travel
1.5mm
(11/12mm sq.) 1.3mm(6/9mm sq.)
Operating Force
1.7
±0.5N (11/12mm sq)
1.3 +0.6/-0.4N (6/9mm sq.)
Electrical Life
500,000 operations at maxrating
(11/12mm sq.)
300,000 operations at max. rating
(6/9mm sq.)
Operating Temperature Range
−10℃∼+60℃
Storage Temperature Range
−25℃∼+70℃
※Information on LED drive circuit are shown on the next page.
■ Features
1. Full Surface Illumination by LED.
2. Conductive Rubber Contact For Soft and
Quiet Operation
3. Available in Four Sizes
6mm sq., 9mm sq., 11mm sq., 12mm sq.
■Part Numbering
Pushbutton
OFF −(ON)
1 pole
W
B1
C
C
1
W
1
Series Code & Actuator
Button Dimension
Button Color
Packaging Specifications
W
P
1
1
2
6
9
LED Color
Terminal Style
Number of Poles
Number of Poles
Type
Combination
1R
1
2
1
3
1
4
1
5
1
5
1
5
2R
1O
3O
1W
4W
1B
5B
1G
5G
1Y
R
O
W
B
G
Y
5Y
Non-illuminated
Red
Orange
Yellow
Green
Green
Green
Red
Orange
White clear
Blue
Green
Yellow
Non-illuminated
Non-illuminated
Non-illuminated
Non-illuminated
Non-illuminated
LED Color
Button Color
Button Dimension
Packaging Specifications
Code
Fig.
Fig.
C
Straight
Terminal Style
Code
Code
Tray
□11mm sq.
□12mm sq.
□6mm sq.
□9mm sq.
C
Switching Function
Switching Function
Code
Switching
Function
Part No.
CFPB
−1CC−■■■W
OFF
(ON)
Connecting Terminals
−
1
−2
※Exclude Non - illuminated type.
LED
Characteristics
Part No.
CFPB
−1CC−■■■W
Connecting Terminals
3
−4
(ON)
:Momentary
■Switching function
■LED Characteristics


Similar Part No. - CFPB-1CC-4O2W

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0201TB COPAL-CFP-0201TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0202TB COPAL-CFP-0202TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0211TB COPAL-CFP-0211TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CFP-0212TB COPAL-CFP-0212TB Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
More results

Similar Description - CFPB-1CC-4O2W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
ILLUMINATED PUSHBUTTON SWITCHES
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
PUSHBUTTON SWITCHES - ILLUMINATED
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
13AL COPAL-13AL Datasheet
441Kb / 2P
Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
Illuminated Pushbutton Switches
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
Illuminated Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com