Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJS Datasheet(PDF) 1 Page - Copal Electronics

Part # CJS
Description  SLIDE SWITCHES (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CJS Datasheet(HTML) 1 Page - Copal Electronics

  CJS Datasheet HTML 1Page - Copal Electronics CJS Datasheet HTML 2Page - Copal Electronics CJS Datasheet HTML 3Page - Copal Electronics CJS Datasheet HTML 4Page - Copal Electronics CJS Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CJS
SLIDE SWITCHES (SMD)
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Easy to set slider with line marking
O With neutral detent type lined up to 1 pole 2contacts
switch
O Compatible with most automatic pick & place machinery
O Compact and space saving SMD type
FEATURES
INTERNAL STRUCTURE
Part name
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
Polyphenylenesulphide
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
PART NUMBER DESIGNATION
C J S - 1 2 0 1 T B 1
Series name
No. of poles
11 pole (SPDT) 
SPDT : Single Pole Double Throw
No. of contacts
22 contacts
Setting position
0Top setting
Neutral detent
0Without neutral detent
1With neutral detent
Structure
1
Non-washable type (Without seal tape)
Standard type
2
Non-washable type (With seal tape)
Blank : Washable type (With seal tape)
Shape of terminal
AJ-hook
BGull wing
Form of packaging
TTaping (Reel)
BlankBulk in plastic bag
RoHS compliant


Similar Part No. - CJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJS-1200A ETC2-CJS-1200A Datasheet
125Kb / 5P
SLIDE SWITCHES(SMD)
CJS-1200A1 ETC2-CJS-1200A1 Datasheet
125Kb / 5P
SLIDE SWITCHES(SMD)
CJS-1200A2 ETC2-CJS-1200A2 Datasheet
125Kb / 5P
SLIDE SWITCHES(SMD)
CJS-1200B ETC2-CJS-1200B Datasheet
125Kb / 5P
SLIDE SWITCHES(SMD)
CJS-1200B1 ETC2-CJS-1200B1 Datasheet
125Kb / 5P
SLIDE SWITCHES(SMD)
More results

Similar Description - CJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
SLIDE SWITCHES(SMD)
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CMS COPAL-CMS Datasheet
1Mb / 12P
SLIDE SWITCHES (SMD)
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com