Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM883
Description  Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM883 Datasheet HTML 1Page - National Semiconductor (TI) LM883 Datasheet HTML 2Page - National Semiconductor (TI) LM883 Datasheet HTML 3Page - National Semiconductor (TI) LM883 Datasheet HTML 4Page - National Semiconductor (TI) LM883 Datasheet HTML 5Page - National Semiconductor (TI) LM883 Datasheet HTML 6Page - National Semiconductor (TI) LM883 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM105/LM305/LM305A
Voltage Regulators
General Description
The LM105 series are positive voltage regulators similar to
the LM100, except that an extra gain stage has been added
for improved regulation. A redesign of the biasing circuitry re-
moves any minimum load current requirement and at the
same time reduces standby current drain, permitting higher
voltage operation. They are direct, plug-in replacements for
the LM100 in both linear and switching regulator circuits with
output voltages greater than 4.5V. Important characteristics
of the circuits are:
•
Output voltage adjustable from 4.5V to 40V
•
Output currents in excess of 10A possible by adding ex-
ternal transistors
•
Load regulation better than 0.1%, full load with current
limiting
•
DC line regulation guaranteed at 0.03%/V
•
Ripple rejection on 0.01%V
•
45 mA output current without external pass transistor
(LM305A)
Like the LM100, they also feature fast response to both load
and line transients, freedom from oscillations with varying re-
sistive and reactive loads and the ability to start reliably on
any load within rating. The circuits are built on a single silicon
chip and are supplied in a TO-99 metal can.
The LM105 is specified for operation for −55˚C
≤ T
A ≤
+125˚C, and the LM305/LM305A is specified for 0˚C
≤ T
A ≤
+70˚C.
Schematic and Connection Diagrams
DS007755-1
Metal Can Package
DS007755-3
Top View
Order Number LM105H, LM105H/883,
SMD #5962-8958801, LM305H or LM305AH
See NS Package Number H08C
June 1999
© 1999 National Semiconductor Corporation
DS007755
www.national.com


Similar Part No. - LM883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM883 NSC-LM883 Datasheet
252Kb / 8P
5-Volt Regulator
LM883 NSC-LM883 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM883AE NSC-LM883AE Datasheet
887Kb / 27P
Low Power Quad Operational Amplifiers
LM883AH NSC-LM883AH Datasheet
213Kb / 8P
Operational Amplifier
May 1998
LM883AJ NSC-LM883AJ Datasheet
887Kb / 27P
Low Power Quad Operational Amplifiers
More results

Similar Description - LM883

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
Voltage Regulators
logo
National Semiconductor ...
LM326 NSC-LM326 Datasheet
452Kb / 8P
VOLTAGE REGULATORS
logo
List of Unclassifed Man...
TDB0123 ETC1-TDB0123 Datasheet
41Kb / 1P
voltage regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
Voltage Regulators
LM78XX NSC-LM78XX_95 Datasheet
158Kb / 6P
Voltage Regulators
logo
Wing Shing Computer Com...
LM7812K WINGS-LM7812K Datasheet
65Kb / 1P
Voltage Regulators
logo
Comset Semiconductor
LM309K COMSET-LM309K Datasheet
99Kb / 2P
Voltage Regulators
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
Voltage regulators
logo
TAITRON Components Inco...
KIA7805PI TAITRON-KIA7805PI Datasheet
75Kb / 1P
Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com