Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-RZ970 Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # PT-RZ970
Description  DLP Projectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ970 Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button PT-RZ970 Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 14Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 15Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 16Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 17Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 18Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 19Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 20Page - Panasonic Semiconductor PT-RZ970 Datasheet HTML 21Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19/2 1
As of July 2016
SFD16M034
DLP™ Projector
PT-RZ970B/RZ970W/RZ970LB/RZ970LW
The following table specifies the video signals compatible with the projector.
• Symbols that indicate formats are as follows.
––V
:VIDEO, Y/C
––R: RGB (analog)
––Y: YCBCR/YPBPR (analog)
––D: DVI-D
––H: HDMI
• Input corresponding to each item in the plug and play column is as follows.
––
RGB2: RGB2 input
––
DVI-D: DVI-D input
––
HDMI/DL: HDMI input, DIGITAL LINK input
Format
RGB2
Plug and Play*1
HDMI
DL
Compatible signal
H
(KHz)
V
(Hz)
Resolution
(Dots)
Dot
clock freq.
(MHz)
Scanning freq.
DVD-D
EDID1EDID2
EDID3
1280 x 768/50
1280 x 768/60
1280 x 768/75
1280 x 768/85
1280 x 800/50
1280 x 800/60
1280 x 800/75
1280 x 800/85
1280 x 960/60
1280 x 1024/50
1280 x 1024/60
1280 x 1024/66
1280 x 1024/72
1280 x 1024/75
1280 x 1024/85
1366 x 768/50
1366 x 768/60
1400 x 1050/50
1400 x 1050/60
1400 x 1050/72
1400 x 1050/75
1440 x 900/50
1440 x 900/60
1600 x 900/50
1600 x 900/60
1600 x 1200/50
1600 x 1200/60
1680 x 1050/50
1680 x 1050/60
1920 x 1080/50
1920 x 1080/60
1920 x 1200/50
1920 x 1200/60
1920 x 1200/60RB
1280 x 768
1280 x 768
1280 x 768*3
1280 x 768
1280 x 768
1280 x 800
1280 x 800
1280 x 800*3
1280 x 800
1280 x 800
1280 x 960
1280 x 1024
1280 x 1024
1280 x 1024
1280 x 1024
1280 x 1024
1280 x 1024
1366 x 768
1366 x 768
1400 x 1050
1400 x 1050
1400 x 1050
1400 x 1050
1400 x 1050
1400 x 1050
1440 x 900
1440 x 900
1600 x 900
1600 x 900
1600 x 1200
1600 x 1200
1680 x 1050
1680 x 1050
1920 x 1080
1920 x 1080*3
1920 x 1080*4
1920 x 1200
1920 x 1200*4
1920 x 1200*3
39.6
47.8
47.4
60.3
68.6
41.3
49.7
49.3
62.8
71.6
60.0
52.4
64.0
72.3
78.2
80.0
91.1
39.6
47.7
54.1
64.0
65.3
65.2
78.8
82.2
46.3
55.9
46.4
55.9
61.8
75.0
54.1
65.3
55.6
66.6
67.2
61.8
74.6
74.0
49.9
59.9
60.0
74.9
84.8
50.0
59.8
59.9
74.9
84.9
60.0
50.0
60.0
66.3
72.0
75.0
85.0
49.9
59.8
50.0
60.0
60.0
60.0
72.0
75.0
49.9
59.9
49.9
60.0
49.9
60.0
50.0
60.0
49.9
59.9
60.0
49.9
59.9
60.0
65.3
79.5
68.3
102.3
117.5
68.0
83.5
71.0
106.5
122.5
108.0
88.0
108.0
125.0
135.1
135.0
157.5
69.0
85.5
99.9
108.0
121.8
122.6
149.3
155.9
86.8
106.5
96.5
119.0
131.5
162.0
119.5
146.3
141.5
138.5
173.0
158.3
193.3
154.0
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R/D/H
R
R/D/H
R
R/D/H
*1 Signals with a
in the Plug and play columns are signals described in EDID (extended display identification data) of the projector. If a signal has no
in the Plug and play columns but has an entry in the Format column, it can be input. For signals without a
in the Plug and play columns, there
are instances when resolution cannot be selected on the computer even though the projector supports them.
*2 Only compatible with dot clock frequency of 27 MHz (pixel repetition signal)
*3 Compliant with VESA CVT-RB (Coordinated Video Timing-Reduced Blanking).
*4 Image resolution is reduced by the image processing circuit before projection.
NOTE:
• A signal with a different resolution is converted to the number of display dots. The number of display dots is as follows.
1920 x 1200
• The “i” at the end of the resolution indicates an interlaced signal.
• When interlaced signals are connected, flickering may occur on the projected image.
• DIGITAL LINK input compatible signal is the same as HDMI input compatible signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com