| Electronic Components Datasheet Search |
|
PT-RZ12K Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
PT-RZ12K Datasheet(HTML) 9 Page - Panasonic Semiconductor |
|
9 / 14 page ![]() Calculation of the projection distance For a screen size different from the above, use the equation below to calculate the projection distance. Aspect ratio 16:10 minimum L (m) = (diagonal screen size in inches) × 0.0201 – 0.0566 maximum L (m) = (diagonal screen size in inches) × 0.0241 – 0.0736 minimum L (m) = (diagonal screen size in inches) × 0.0284 – 0.0857 maximum L (m) = (diagonal screen size in inches) × 0.0367 – 0.1085 minimum L (m) = (diagonal screen size in inches) × 0.0364 – 0.0832 maximum L (m) = (diagonal screen size in inches) × 0.0528 – 0.1162 minimum L (m) = (diagonal screen size in inches) × 0.0524 – 0.1131 maximum L (m) = (diagonal screen size in inches) × 0.1017 – 0.1765 minimum L (m) = (diagonal screen size in inches) × 0.1004 – 0.1577 maximum L (m) = (diagonal screen size in inches) × 0.1601 – 0.1615 minimum L (m) = (diagonal screen size in inches) × 0.1595 – 0.3862 maximum L (m) = (diagonal screen size in inches) × 0.2989 – 0.3598 L (m) = (diagonal screen size in inches) × 0.0154 – 0.0713 Zoom lenses ET-D75LE6 ET-D75LE10 ET-D75LE20 ET-D75LE30 ET-D75LE40 ET-D75LE8 Fixed-focus lens ET-D75LE50 Aspect ratio 16:9 minimum L (m) = (diagonal screen size in inches) × 0.0207 – 0.0566 maximum L (m) = (diagonal screen size in inches) × 0.0248 – 0.0736 minimum L (m) = (diagonal screen size in inches) × 0.0292 – 0.0857 maximum L (m) = (diagonal screen size in inches) × 0.0377 – 0.1085 minimum L (m) = (diagonal screen size in inches) × 0.0374 – 0.0832 maximum L (m) = (diagonal screen size in inches) × 0.0543 – 0.1162 minimum L (m) = (diagonal screen size in inches) × 0.0539 – 0.1131 maximum L (m) = (diagonal screen size in inches) × 0.1045 – 0.1765 minimum L (m) = (diagonal screen size in inches) × 0.1032 – 0.1577 maximum L (m) = (diagonal screen size in inches) × 0.1645 – 0.1615 minimum L (m) = (diagonal screen size in inches) × 0.1640 – 0.3862 maximum L (m) = (diagonal screen size in inches) × 0.3072 – 0.3598 L (m) = (diagonal screen size in inches) × 0.0159 – 0.0713 Zoom lenses ET-D75LE6 ET-D75LE10 ET-D75LE20 ET-D75LE30 ET-D75LE40 ET-D75LE8 Fixed-focus lens ET-D75LE50 • Distances calculated with the above equations will include slight deviations. PT- RZ12K 3-Chip DLP™ Projector As of September 2015 9/14 SFD15M030 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |