Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP101 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP101
Description  Digital Temperature Sensor with I2C Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 2Page - Texas Instruments TMP101 Datasheet HTML 3Page - Texas Instruments TMP101 Datasheet HTML 4Page - Texas Instruments TMP101 Datasheet HTML 5Page - Texas Instruments TMP101 Datasheet HTML 6Page - Texas Instruments TMP101 Datasheet HTML 7Page - Texas Instruments TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TMP100, 101
7
SBOS231C
www.ti.com
OS/ALERT (OS)
The TMP100 and TMP101 feature a One-Shot Temperature
Measurement Mode. When the device is in Shutdown Mode,
writing a 1 to the OS/ALERT bit will start a single temperature
conversion. The device will return to the shutdown state at
the completion of the single conversion. This is useful to
reduce power consumption in the TMP100 and TMP101
when continuous monitoring of temperature is not required.
Reading the OS/ALERT bit will provide information about the
Comparator Mode status. The state of the POL bit will invert the
polarity of data returned from the OS/ALERT bit. For POL = 0,
the OS/ALERT will read as 0 until the temperature equals or
exceeds THIGH for the programmed number of consecutive
faults, causing the OS/ALERT bit to read as 1. The OS/ALERT
bit will continue to read as 1 until the temperature falls below
TLOW for the programmed number of consecutive faults when it
will again read as 0. The status of the TM bit does not affect the
status of the OS/ALERT bit.
HIGH AND LOW LIMIT REGISTERS
In Comparator Mode (TM = 0), the ALERT Pin of the TMP101
becomes active when the temperature equals or exceeds the
value in THIGH and generates a consecutive number of faults
according to fault bits F1 and F0. The ALERT pin will remain
active until the temperature falls below the indicated TLOW
value for the same number of faults.
In Interrupt Mode (TM = 1) the ALERT Pin becomes active
when the temperature equals or exceeds THIGH for a con-
secutive number of fault conditions. The ALERT pin remains
active until a read operation of any register occurs or the
device successfully responds to the SMBus Alert Response
Address. The ALERT pin will also be cleared if the device is
placed in Shutdown Mode. Once the ALERT pin is cleared,
it will only become active again by the temperature falling
below TLOW. When the temperature falls below TLOW, the
ALERT pin will become active and remain active until cleared
by a read operation of any register or a successful response
to the SMBus Alert Response Address. Once the ALERT pin
is cleared, the above cycle will repeat with the ALERT pin
becoming active when the temperature equals or exceeds
THIGH. The ALERT pin can also be cleared by resetting the
device with the General Call Reset command. This will also
clear the state of the internal registers in the device returning
the device to Comparator Mode (TM = 0).
Both operational modes are represented in the Figure 4. Tables
IX and X describe the format for the THIGH and TLOW registers.
Power-up Reset values for THIGH and TLOW are: THIGH = 80°C
and TLOW = 75°C. The format of the data for THIGH and TLOW
is the same as for the Temperature Register.
All 12 bits for the Temperature, THIGH, and TLOW registers are
used in the comparisons for the ALERT function for all con-
verter resolutions. The three LSBs in THIGH and TLOW can
affect the ALERT output even if the converter is configured for
9-bit resolution.
SERIAL INTERFACE
The TMP100 and TMP101 operate only as slave devices on
the I2C bus and SMBus. Connections to the bus are made via
the open-drain I/O lines SDA and SCL. The TMP100 and
TMP101 support the transmission protocol for fast (up to
400kHz) and high-speed (up to 3.4MHz) modes. All data
bytes are transmitted most significant bit first.
SERIAL BUS ADDRESS
To program the TMP100 and TMP101, the master must first
address slave devices via a slave address byte. The slave
address byte consists of seven address bits, and a direction
bit indicating the intent of executing a read or write operation.
The TMP100 features two address pins to allow up to eight
devices to be addressed on a single I2C interface. Table XI
describes the pin logic levels used to properly connect up to eight
devices. ‘Float’ indicates the pin is left unconnected. The state of
pins ADD0 and ADD1 is sampled on the first I2C bus communi-
cation and should be set prior to any activity on the interface.
Byte
D7D6D5
D4
D3D2
D1D0
1
H11
H10
H9
H8
H7
H6
H5
H4
Byte
D7D6D5
D4
D3D2
D1D0
2
H3H2H1
H0
0
0
0
0
TABLE IX. Bytes 1 and 2 of THIGH Register.
Byte
D7D6D5
D4
D3D2
D1D0
1
L11
L10
L9
L8
L7
L6
L5
L4
Byte
D7D6D5
D4
D3D2
D1D0
2
L3L2L1
L0
0
0
0
0
TABLE X. Bytes 1 and 2 of TLOW Register.
ADD0
SLAVE ADDRESS
0
1001000
Float
1001001
1
1001010
TABLE XII. Address Pins and Slave Address for TMP101.
ADD1
ADD0
SLAVE ADDRESS
0
0
1001000
0
Float
1001001
0
1
1001010
1
0
1001100
1
Float
1001101
1
1
1001110
Float
0
1001011
Float
1
1001111
TABLE XI. Address Pins and Slave Addresses for TMP100.
The TMP101 features one address pin and an ALERT pin,
allowing up to three devices to be connected per bus. Pin logic
levels are described in Table XII. The address pins of the
TMP100 and TMP101 are read after reset or in response to an
I2C address acquire request. Following reading, the state of
the address pins is latched to minimize power dissipation
associated with detection.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com