Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV9211 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9211
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9211 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9211 Datasheet HTML 9Page - STMicroelectronics STV9211 Datasheet HTML 10Page - STMicroelectronics STV9211 Datasheet HTML 11Page - STMicroelectronics STV9211 Datasheet HTML 12Page - STMicroelectronics STV9211 Datasheet HTML 13Page - STMicroelectronics STV9211 Datasheet HTML 14Page - STMicroelectronics STV9211 Datasheet HTML 15Page - STMicroelectronics STV9211 Datasheet HTML 16Page - STMicroelectronics STV9211 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
13/37
STV9211
Functional description
Figure 8: Infra-black level adjustment
Adjustment
InfraBlack Range
IBR / 14
256 (8 bit) / 5 mV
Channel
each channel
Independantly
Register
name & address
Number step / resolution
min / max
value
0.40 to 1.70V
GND
Selection
Examples #1
1.3 or 1.8 V
3 channels
Simultaneously
InfraBlack Offset
InfraBlack Level
IBO / 14
0.4 to 2.2 V
3 channels
Simultaneously
(@ IBL=0)
16 (3 bit) / 0.26V
IBL / 10, 11, 12
-
-
0.92 to 2.72 V
IBR=0
IB0=010
IBR=1
IB0=000
256 (8 bit) / 7mV
BLK
2 selections
Examples #2
IBL max
IBL min
Vibmin
Vibmax
Case #1: IBR=1
Vib
IBL
0
255
2,20
0.92
0.66
0.40
1.3V
Case #2: IBR=0
Vib
0
255
2,20
0.92
0.66
0.40
1.8V
IB0
=0
00
IB
0=
00
1
IB
0=
01
0
IB0
=1
11
IB0
=00
0
IB0
=00
1
IB0
=01
0
IB0
=11
1
IBL
Black level
Infra-black level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com