Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AF031AM70MS1F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68AF031AM70MS1F
Description  256 Kbit (32K x 8) 5.0V Asynchronous SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF031AM70MS1F Datasheet(HTML) 1 Page - STMicroelectronics

  M68AF031AM70MS1F Datasheet HTML 1Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 2Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 3Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 4Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 5Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 6Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 7Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 8Page - STMicroelectronics M68AF031AM70MS1F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
November 2004
M68AF031A
256 Kbit (32K x 8) 5.0V Asynchronous SRAM
FEATURES SUMMARY
■
SUPPLY VOLTAGE: 4.5 to 5.5V
■
32K x 8 bits SRAM with OUTPUT ENABLE
■
EQUAL CYCLE and ACCESS TIME: 55, 70ns
■
LOW STANDBY CURRENT
■
LOW VCC DATA RETENTION: 2V
■
TRI-STATE COMMON I/O
■
AUTOMATIC POWER DOWN
■
PACKAGES
–
SO28, PDIP28, TSOP28 Standard and
Reverse Pinout.
–
TSOP28 Standard Available in Lead-Free
Version
Figure 1. Packages
28
1
PDIP28 (B)
SO28 (MS)
TSOP28 (NS)
8 x 13.4 mm (Reverse)
TSOP28 (N)
8 x 13.4mm


Similar Part No. - M68AF031AM70MS1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
M68AF127BB STMICROELECTRONICS-M68AF127BB Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
M68AF127BL55B1 STMICROELECTRONICS-M68AF127BL55B1 Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
M68AF127BL55B1T STMICROELECTRONICS-M68AF127BL55B1T Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
M68AF127BL55B6 STMICROELECTRONICS-M68AF127BL55B6 Datasheet
373Kb / 23P
1Mbit 128K x8, 5V Asynchronous SRAM
24-Sep-2004
More results

Similar Description - M68AF031AM70MS1F

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
32K x 8 256Kb Asynchronous SRAM
logo
Cypress Semiconductor
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
256 Kbit (32K x 8) nvSRAM
logo
STMicroelectronics
M68AW031A STMICROELECTRONICS-M68AW031A Datasheet
110Kb / 19P
256 Kbit (32K x8) 3.0V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com