Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6057 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6057
Description  isc Silicon NPN Darlingtion Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6057 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6057 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6057 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Darlingtion Power Transistor
2N6057
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA ; IB= 0
60
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 6A; IB= 24mA
2.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 12A; IB= 120mA
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 12A; IB= 120mA
4.0
V
VBE(on)
Base-Emitter On voltage
IC= 6A ; VCE= 3V
2.8
V
ICEO
Collector Cutoff current
VCE= 30V; IB= 0
1.0
mA
ICEX
Collector Cutoff current
VCE= 60V;VBE(off)= -1.5V
VCE= 60V;VBE(off)= -1.5V,TC=150℃
0.5
5.0
mA
IEBO
Emitter Cut-off current
VEB= 5V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 6A ; VCE= 3V
750
18000
hFE-2
DC Current Gain
IC= 12A ; VCE= 3V
100
COB
Output Capacitance
IE=0 ; VCB= 10V;ftest= 0.1MHz
300
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com