Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPI34W331MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI34W331MTRF
Description  NPI Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI34W331MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI34W331MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI34W331MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI34W331MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI34W331MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI34W331MTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPI Power Inductors
NPI__W Series
Case Size
TAPING DIMENSIONS (mm)
Ao
Bo
Co
Ko
W
Po
NPI16W
4.60
6.70
4.25
3.20
12.0
8.0
NPI31W
10.00 13.50 11.50
5.60
24.0
12.0
NPI34W
10.00 13.50 11.50
11.6
24.0
20.0
NPI52W
15.40 18.70 14.25
7.60
32.0
20.0
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
0.5mm ± 0.05
1.75mm
±0.1
Part Number
STANDARD VALUES - CASE SIZE 52 (15.0 x 18.4 x 7.0mm)
Inductance Value
(µH)
SRF (Typical)
MHz
DC Resistance
(Ω)
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test Frequency
NPI52W470MTRF
47 ± 20%
9.0
0.086
2.6
4.5
100KHz
NPI52W680MTRF
68 ± 20%
6.5
0.13
2.3
3.5
NPI52W101MTRF
100 ± 20%
5.7
0.19
1.8
3.0
NPI52W151MTRF
150 ± 20%
4.5
0.25
1.5
2.6
NPI52W221MTRF
220 ± 20%
3.7
0.38
1.2
2.4
NPI52W331MTRF
330 ± 20%
3.0
0.56
1.0
1.9
NPI52W471MTRF
470 ± 20%
2.7
0.85
0.82
1.4
NPI52W681MTRF
680 ± 20%
2.2
1.10
0.72
1.2
NPI52W102MTRF
1000 ± 20%
2.0
1.80
0.56
1.0
NPI52W472MTRF
4700 ± 20%
-
7.50
0.25
0.35
Maximum +40°C temperature rise at Irms. Typcial -10% inductance change at Isat.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com