Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2985 Datasheet(PDF) 9 Page - Semtech Corporation

Part # GS2985
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2985 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button GS2985 Datasheet HTML 5Page - Semtech Corporation GS2985 Datasheet HTML 6Page - Semtech Corporation GS2985 Datasheet HTML 7Page - Semtech Corporation GS2985 Datasheet HTML 8Page - Semtech Corporation GS2985 Datasheet HTML 9Page - Semtech Corporation GS2985 Datasheet HTML 10Page - Semtech Corporation GS2985 Datasheet HTML 11Page - Semtech Corporation GS2985 Datasheet HTML 12Page - Semtech Corporation GS2985 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
9 of 45
Proprietary & Confidential
56
SCK/EQ2_EN
Input/Logic
Input
In host mode (HIF set LOW):
Burst-mode clock input for SPI serial host interface.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 2.
Active-high input.
57
SDO/EQ1_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data output for SPI serial host interface. Active-high output.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 1.
Active-high input.
58
SDI/EQ0_EN
Input/Logic
Input
In host mode (HIF set LOW):
Serial digital data input for SPI serial host interface. Active-high input.
In non-host mode (HIF set HIGH):
Trace equalization on/off pin for Serial Digital Differential Input 0.
Active-high input.
60
VEE_CP
Power
Most negative power supply connection for the internal
charge pump. Connect to GND.
61
VCC_CP
Power
Most positive power supply connection for the internal charge pump.
Connect to 3.3V or 2.5V
62
LF+
Passive
Loop Filter capacitor connection. (CLF = 47nF). Connect as shown in Typical
Application Circuit on page 41.
63
CP_CAP
Power
External capacitor for internal LDO regulator supplying the charge pump
circuit.
Center Pad
Ground pad on bottom of package. Connect to GND.
Table 1-1: GS2985 Pin Descriptions
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com