Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS-R-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FRS-R-2
Description  Fusetron??600 V Class RK5, FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FRS-R-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FRS-R-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. FRS-R-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. FRS-R-2 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fusetron™ 600 V Class RK5, FRS-R — 600 Vac/300 Vdc,
1/10-60 A, dual element, time-delay fuses
Catalog symbol:
FRS-R-(amp) (non-indicating)
FRS-R-(amp)ID (indicating)
Description:
Advanced protection, energy efficient
Class RK5 dual element, current-limiting,
time-delay fuses with optional open fuse
indication on select ratings
Time-delay – 10 second (minimum) at 500%
of rated current
Specifications:
Ratings
Volts
600 Vac, 300 Vdc (1/10-30 A)
600 Vac, 250 Vdc (35-60 A)
Amps — 1/10-60 A
Interrupting rating
200 kA Vac RMS Sym
20 kA Vdc
Agency information:
CE, UL® Listed, Std. 248-12, Class RK5, Guide
JDDZ, File E4273
CSA® Certified, C22.2 No. 248.12, Class
1422-02, File 53787
CE
Features:
Dual-element feature provides the best
time-delay performance, allowing closer
sizing and superior protection of motors and
transformers
Closer sizing allows for smaller fuses and
less costly switches
Class RK5 fuses with a 200 kA interrupting
rating for use in a broad range of
applications
Provides motor overload, ground fault, and
short-circuit protection
Helps protect motors against burnout from
overloads and single-phasing when sized
properly
Dual-element fuses can be applied in circuits
subject to temporary motor overloads
and surge currents to provide both high
performance short-circuit and overload
protection
Offers a 10-second time delay at 5 times the
rated current
The time-delay feature makes it possible
to use fuse amp ratings that are much
smaller than those of non-time delay
fuses. Considerable cost savings occur by
permitting the use of smaller size switches,
panels, and fuses themselves.
Provides current limitation to help protect
downstream components from high fault
currents.
Gives motor running back-up protection to
motors without extra costs.
Dimensions - in:
Catalog numbers (amps) — Non-indictaing fuses
FRS-R-1/10
FRS-R-1 8/10
FRS-R-8*
FRS-R-1/8
FRS-R-2
FRS-R-9*
FRS-R-15/100
FRS-R-2 1/4
FRS-R-10*
FRS-R-2/10
FRS-R-2 1/2
FRS-R-12*
FRS-R-1/4
FRS-R-2 8/10
FRS-R-15*
FRS-R-3/10
FRS-R-3
FRS-R-17 1/2*
FRS-R-4/10
FRS-R-3 2/10
FRS-R-20*
FRS-R-1/2
FRS-R-3 1/2
FRS-R-25*
FRS-R-6/10
FRS-R-4
FRS-R-30*
FRS-R-8/10
FRS-R-4 1/2
FRS-R-35*
FRS-R-1
FRS-R-5
FRS-R-40*
FRS-R-1 1/8
FRS-R-5 6/10
FRS-R-45*
FRS-R-1 1/4
FRS-R-6*
FRS-R-50*
FRS-R-1 4/10
FRS-R-6 1/4*
FRS-R-60*
FRS-R-1 1/2
FRS-R-7*
FRS-R-1 6/10
FRS-R-7 1/2*
* Open fuse indication available by inserting the sufix
“ID.” E.g., FRS-R-15ID.
Technical Data 1017
Effective May 2016
Supersedes August 2013
BUSSMANN
SERIES


Similar Part No. - FRS-R-2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FRS-R-2 EATON-FRS-R-2 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-2/10 EATON-FRS-R-2/10 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
FRS-R-20 EATON-FRS-R-20 Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
FRS-R-200 COOPER-FRS-R-200 Datasheet
258Kb / 3P
Fusetron??600V Class RK5
More results

Similar Description - FRS-R-2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R EATON-FRN-R Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRS-R EATON-FRS-R Datasheet
910Kb / 4P
Fusetron??600 V Class RK5 FRS-R ??600 Vac/300 Vdc, 1/10-60 A, dual element, time-delay fuses
FRS-R-65 EATON-FRS-R-65 Datasheet
258Kb / 3P
FRS-R ??600 Vac/300 Vdc, 65-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
LPS-RK EATON-LPS-RK_V01 Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 1??0-60A, dual element, time-delay fuses
August 2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com