Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS128 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems ATS128 Datasheet HTML 22Page - Allegro MicroSystems ATS128 Datasheet HTML 23Page - Allegro MicroSystems ATS128 Datasheet HTML 24Page - Allegro MicroSystems ATS128 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 16. Positive Trim, Up-Counting to find BRP.
Figure 17. Positive Trim, Down-Counting to find BOP.
BOP Positive, Trim Up-Counting Register
BOP Positive, Trim Down-Counting Register
BOP(max)
B(actual)
B(actual)
B+ (south)
B– (north)
BOP(max)
B+ (south)
B– (north)
BOP(min)
High
Low
High
Low
BOP(min)
Try Mode, Bit Field Code
t
0
0
0
255
Try Mode, Bit Field Code
0
255
t
A
C
D
B
BRP
BOP Setpoint
BRP
BOP Setpoint
BRP
BOP Setpoint
BRP
BOP Setpoint
As the code is increased, BOP is decreased. When BOP is less
than Bactual the output changes state from high to low. (See D in
figure 17.) Record the BOP selection for later use. Because when
using the Down-Counting register the BOP selection is automati-
cally inverted, therefore the recorded value is equal to the maxi-
mum value minus the addressed code.
The air gap mechanical position is also a factor in determining
the magnetic switchpoints. As seen in figure 18, at smaller air
gaps the change in flux density versus change in displacement
is large, represented by a steeply sloped function, and there is
relatively little difference between the target displacements at BOP
and BRP. At larger air gaps, however, the change function is shal-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com