Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1KB Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # US1KB
Description  SURFACE MOUNT ULTAFAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

US1KB Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  US1KB Datasheet HTML 1Page - SUNMATE electronic Co., LTD US1KB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1AB - US1MB
VOLTAGE RANGE: 50 - 1000V
CURRENT: 1.0 A
SURFACE MOUNT ULTAFAST RECTIFIER DIODES
Features
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Glass Passivated Die Construction
Diffused Junction
Ultra-Fast Recovery Time for High Efficiency
Low Forward Voltage Drop, High Current
Capability, and Low Power Loss
Ideally Suited for Automated Assembly
Plastic Material: UL Flammability
Classification Rating 94V-0
Single phase, half wave, 60Hz, resistive or inductive load.For capacitive load, derate current by 20%.
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Mechanical Data
Case: SMB/DO-214AA, Molded Plastic
Weight: 0.093 grams (approx.)
!
!
!
!
!
!
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 75
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 2)
trr
50
75
ns
Typical Junction Capacitance (Note 1)
Cj
20
10
pF
Typical Thermal Resistance, Junction to Terminal
RqJT
30
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Characteristic
Symbol US1AB US1BB US1DB US1GB US1JB US1KB US1MB Unit
1 of 2
www.sunmate.tw


Similar Part No. - US1KB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1KB SSE-US1KB Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US1KB PACELEADER-US1KB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US1KB LUGUANG-US1KB Datasheet
171Kb / 2P
Surface Mount Rectifiers
logo
YENYO TECHNOLOGY Co., L...
US1KB YENYO-US1KB Datasheet
697Kb / 2P
Surface Mount Ultra Fast Recovery Rectifier
logo
Diode Semiconductor Kor...
US1KB DSK-US1KB Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIERS
More results

Similar Description - US1KB

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
DSR05A SUNMATE-DSR05A Datasheet
385Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS1AF SUNMATE-GS1AF Datasheet
516Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS2A SUNMATE-GS2A Datasheet
576Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5A SUNMATE-GS5A Datasheet
314Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
GS5AC SUNMATE-GS5AC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S6A SUNMATE-S6A Datasheet
668Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
S07AF SUNMATE-S07AF Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER DIODES
S8A SUNMATE-S8A Datasheet
307Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
UF1AB SUNMATE-UF1AB Datasheet
336Kb / 2P
SURFACE MOUNT ULTAFAST RECTIFIER DIODES
UH2B SUNMATE-UH2B Datasheet
394Kb / 2P
SUFACE MOUNT ULTAFAST PLASTIC RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com