| Electronic Components Datasheet Search |
|
TNETX3150A Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150A Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 72 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 IOB operation (continued) When all multicast buffers have been linked onto the receive queue, the receive queue is linked to the transmit queues on which the multicast data is to be transmitted. The ports to which the data is sent can be defined two ways. If no external addressing logic is used, the multicast data is linked to all active ports. These are defined in the port bit map held in the VLAN register for the port on which the data was received. Alternatively, the port bit map presented on the EAM interface terminals is used. The data is linked to the active port subset of that defined on the terminals. Having determined the list of transmit queues onto which the IOB data is linked, the forward pointer for each transmit queue is updated to point to the head of the receive queue (IOB data). In this way, the multicast data buffers appear linked to multiple queues without the program of replicating the multicast data. The index buffer is used to preserve the separate transmit queues as they form, following the IOB data frame. Each index buffer contains a forward pointer referencing the continuation of the transmit queue for every port. As new transmit queue data is queued, the forward pointers in the index buffer are updated to reflect the continuation of the independent transmit queues (see Figure 30). The IOB frame buffers can be returned to the free buffer queue only when all ports have transmitted the IOB data. Since there can be a large discrepancy between the first port completing transmission and the last (due to a long transmit queue before the IOB data), a tag field is used to record which ports have transmitted the IOB data from the list of ports where the data was to be sent originally. The tag field also is stored in the index buffer. When the last port tag is cleared, all the buffers can be returned to the free pool of buffers. The buffers can be freed only after the last transmission, by which stage the forward pointer pointing to the head of the IOB buffers is freed. The return address field of the index buffer is used to store the head address of the IOB buffers. Thus, even after the last IOB transmission, the head of the IOB buffers remains known. Freeing the buffers is done by writing the pointer at the top of the free queue to the last forward pointer of the IOB buffers and moving the return address to the top of the free queue, adding the used IOB buffers to the top of the free queue. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |