Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MZP4752A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MZP4752A
Description  3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MZP4752A Datasheet(HTML) 1 Page - ON Semiconductor

  MZP4752A Datasheet HTML 1Page - ON Semiconductor MZP4752A Datasheet HTML 2Page - ON Semiconductor MZP4752A Datasheet HTML 3Page - ON Semiconductor MZP4752A Datasheet HTML 4Page - ON Semiconductor MZP4752A Datasheet HTML 5Page - ON Semiconductor MZP4752A Datasheet HTML 6Page - ON Semiconductor MZP4752A Datasheet HTML 7Page - ON Semiconductor MZP4752A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
February, 2002 – Rev. 2
1
Publication Order Number:
MZP4729A/D
MZP4729A Series
3 Watt DO-41 SurmeticE 30
Zener Voltage Regulators
This is a complete series of 3 Watt Zener diodes with limits and
excellent operating characteristics that reflect the superior capabilities
of silicon–oxide passivated junctions. All this in an axial–lead,
transfer–molded plastic package that offers protection in all common
environmental conditions.
Specification Features:
• Zener Voltage Range – 3.6 V to 30 V
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• Surge Rating of 98 W @ 1 ms
• Maximum Limits Guaranteed on up to Six Electrical Parameters
• Package No Larger than the Conventional 1 Watt Package
Mechanical Characteristics:
CASE:
Void free, transfer–molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230
°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 75°C, Lead Length = 3/8″
Derate above 75
°C
PD
3
24
W
mW/
°C
Steady State Power Dissipation
@ TA = 50°C
Derate above 50
°C
PD
1
6.67
W
mW/
°C
Operating and Storage
Temperature Range
TJ, Tstg
–65 to
+200
°C
Device
Package
Shipping
ORDERING INFORMATION
MZP47xxA
Axial Lead
2000 Units/Box
MZP47xxARL
Axial Lead
AXIAL LEAD
CASE 59
PLASTIC
http://onsemi.com
6000/Tape & Reel
Cathode
Anode
{ Polarity band up with cathode lead off first
} Polarity band down with cathode lead off first
L
MZP4
7xxA
YYWW
L
= Assembly Location
MZP47xxA = Device Code
= (See Table Next Page)
YY
= Year
WW
= Work Week
MARKING DIAGRAM
MZP47xxATA
Axial Lead
4000/Ammo Pack
MZP47xxARR1 {
Axial Lead
2000/Tape & Reel
MZP47xxARR2 }
Axial Lead
2000/Tape & Reel


Similar Part No. - MZP4752A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MZP4752 MOTOROLA-MZP4752 Datasheet
273Kb / 4P
1.0 WATT SURMETIC 30 SILICON ZENER DIODES
More results

Similar Description - MZP4752A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
1N5913B ONSEMI-1N5913B Datasheet
70Kb / 8P
3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
April, 2006 ??Rev. 5
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
1W DO-41 Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com