Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB152S Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # DB152S
Description  REVERSE VOLTAGE - 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

DB152S Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  DB152S Datasheet HTML 1Page - Bruckewell Technology LTD DB152S Datasheet HTML 2Page - Bruckewell Technology LTD DB152S Datasheet HTML 3Page - Bruckewell Technology LTD DB152S Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DB151S thru DB157S
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.5 Amperes
Publication Order Number: [DB151S thru DB157S]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified, Single phase, half wave, 60Hz,
Resistive or Inductive load, For Capacitive load, derate current by 20%.
CHARACTERISTICS
DB151S
DB152S
DB153S
DB154S
DB155S
DB156S
DB157S
UNITS
Maximum Forward Voltage
at 1.5A DC
VF
1.1
V
Maximum DC Reverse
Current @TJ=25°C
at Rated DC Bolcking
Voltage @TJ=125°C
IR
10
500
V
I
2t Rating for Fusing
(t<8.3ms)
I
2t
10.4
μA
Typical Junctio Capacitance
Per Element (Note1)
Cj
25
pF
Typical Thermal Resistance
(Note2)
RθJA
40
°C/W
Operating Temperature
Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note:
1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance from junction to ambient mounted on P.C.B with 0.5*0.5"(13*13mm) copper pads.
3.The typical data above is for reference only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com