Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3095 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095 Datasheet(HTML) 1 Page - Texas Instruments

  THS3095 Datasheet HTML 1Page - Texas Instruments THS3095 Datasheet HTML 2Page - Texas Instruments THS3095 Datasheet HTML 3Page - Texas Instruments THS3095 Datasheet HTML 4Page - Texas Instruments THS3095 Datasheet HTML 5Page - Texas Instruments THS3095 Datasheet HTML 6Page - Texas Instruments THS3095 Datasheet HTML 7Page - Texas Instruments THS3095 Datasheet HTML 8Page - Texas Instruments THS3095 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
+
VOUT
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
TYPICAL ARBITARY WAVEFORM
GENERATOR OUTPUT DRIVE CIRCUIT
−90
−80
−70
−60
−50
−40
−20
1 M
10 M
100 M
f − Frequency − Hz
G = 5,
RF = 1 kΩ,
RL = 100 Ω,
VS = ±15 V
100 k
−30
VO = 20 VPP
VO = 10 VPP
VO = 5 VPP
VO = 2 VPP
+
+
THS3091
THS3091
THS3091
+
THS4271
IOUT1
IOUT2
DAC5686
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK
OPERATIONAL AMPLIFIERS
Low Distortion
The
THS3091
and
THS3095
are
high-voltage,
low-distortion,
high-speed,
current-feedback
– 77 dBc HD2 at 10 MHz, RL = 1 kΩ
amplifiers designed to operate over a wide supply
– 69 dBc HD3 at 10 MHz, RL = 1 kΩ
range of
±5 V to ±15 V for applications requiring
Low Noise
large, linear output signals such as Pin, Power FET,
– 14 pA/
√Hz Noninverting Current Noise
and VDSL line drivers.
– 17 pA/
√Hz Inverting Current Noise
The THS3095 features a power-down pin (PD) that
puts the amplifier in low power standby mode, and
– 2 nV/
√Hz Voltage Noise
lowers the quiescent current from 9.5 mA to 500 µA.
High Slew Rate: 7300 V/µs (G = 5, VO = 20 VPP)
The wide supply range combined with total harmonic
Wide Bandwidth: 210 MHz (G = 2, RL = 100 Ω)
distortion as low as -69 dBc at 10 MHz, in addition, to
High Output Current Drive:
±250 mA
the
high
slew
rate
of
7300
V/µs
makes
the
Wide Supply Range:
±5 V to ±15 V
THS3091/5 ideally suited for high-voltage arbitrary
waveform driver applications. Moreover, having the
Power-Down Feature: (THS3095 Only)
ability to handle large voltage swings driving into
high-resistance and high-capacitance loads while
maintaining good settling time performance makes
High-Voltage Arbitrary Waveform
the devices ideal for Pin driver and PowerFET driver
Power FET Driver
applications.
Pin Driver
The THS3091 and THS3095 are offered in an 8-pin
VDSL Line Driver
SOIC (D), and the 8-pin SOIC (DDA) packages with
PowerPAD™.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRO-
Copyright © 2003–2004, Texas Instruments Incorporated
DUCTION DATA information current as of publication date. Prod-
ucts conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.


Similar Part No. - THS3095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095 TI1-THS3095 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
THS3095 TI-THS3095 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3095 TI-THS3095 Datasheet
3Mb / 53P
THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3095 TI-THS3095 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - THS3095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3096 TI-THS3096 Datasheet
1Mb / 34P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com