Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14B Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SS14B
Description  SURFACE MOUNT SCHOTTKY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SS14B Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SS14B Datasheet HTML 1Page - Diode Semiconductor Korea SS14B Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
Ratings at 25
oC ambient temperature unless otherwise specified
SS12B SS13B SS14BSS15B SS16B SS18BSS19B SS110B
Maximum repetitive peak reverse voltage
VRRM
40
50
60
80
90
100
V
Maximum RMS voltage
VRMS
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
40
50
60
80
90
100
V
Maximum average forward rectified current at
TL=90
IF(AV)
A
Peak forward surge current 8.3ms single
half-sine-wave
IFSM
A
Maximum instantaneous forward voltage
at IFM=1.0A (NOTE1)
VF
V
Maximum DC reverse current
TJ=25
at rated DC blocking voltage TJ=125
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
UNITS
-55 ---- +150
IR
NOTE: 1.Pulse test: Pulse width 300us,duty cycle 1 %
Maximum thermal resistance
oC/W
-55 ---- +125
14
REVERSE VOLTAGE:
20 - 100 V
FORWARD CURRENT:
1.0 A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
Low forward voltage
Schottky barrier rectifier
Guardring protection
20
21
0.50
0.2
0.5
m A
R JL
28
30
0.75
1.0
0.85
40
20
30
Case: SMB molded plastic body
1111
Polarity: Color band denotes cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mounting position: ANY
(DO-214AA)SMB
Weight: 0.003 ounces, 0.093 gram
MECHANICAL DATA
Reverse energy tested
High current capability
Extremely low thermal resistance
SS12B---SS110B
Dimensions in millimeters
6.0
5.0
SS12B SS13B SS14BSS15B SS16B SS18B SS19B SS110B
Device marking code
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SS14B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS14B LUGUANG-SS14B Datasheet
181Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SS14B LEIDITECH-SS14B Datasheet
363Kb / 3P
Schottkyre ctifier
logo
Comchip Technology
SS14B-HF COMCHIP-SS14B-HF Datasheet
470Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
More results

Similar Description - SS14B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
Surface Mount Schottky
TSS42L TSC-TSS42L_14 Datasheet
174Kb / 4P
Surface Mount Schottky
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
Surface Mount Schottky
logo
Microdiode Semiconducto...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
SURFACE MOUNT SCHOTTKY
logo
Diode Semiconductor Kor...
SK12B DSK-SK12B Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
SURFACE MOUNT SCHOTTKY
SS22A DSK-SS22A Datasheet
188Kb / 2P
SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
SURFACE MOUNT SCHOTTKY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com