Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES07D Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # ES07D
Description  SURFACE MOUNT RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

ES07D Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  ES07D Datasheet HTML 1Page - Diode Semiconductor Korea ES07D Datasheet HTML 2Page - Diode Semiconductor Korea ES07D Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
FEATURES
◇ Glass passivated device
◇ Ideal for surface mouted applications
◇ Low leakage current
◇ Metallurgically bonded construction
◇ High temperature soldering:
250℃/10 seconds at terminals
MECHANICAL DATA
◇ Case:JEDEC SOD-123FL,molded plastic over
passivated chip
◇ Terminals:Solder Plated, solderable per
MIL-STD-750, Method 2026
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.01 gram
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single hase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
ABSOLUTE RATINGS
ED
VRRM
V
VRMS
V
VDC
V
RJθA
K/W
trr
ns
Tj
℃
TSTG
℃
NOTES:1.Averaged over any 20 ms period.
2. Thermal resistance junction to ambient, 6.0 mm
2 coppeer pads to each terminal.
3.Measured with IF=0.5A, IR=1A, Irr=0.25A.
UNITS
EB
70
140
100
200
- 55 --- + 150
ES07B --- ES07D
100
200
A
I(AV)
A
SURFACE MOUNT RECTIFIERS
1.0
30
ES07B
ES07D
REVERSE VOLTAGE: 100 - 200 V
CURRENT: 1.0 A
SOD - 123FL
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Typical thermal resistance
(NOTE 2)
Operating temperature range
Storage temperature range
on rated load
TL=25℃
180
Maximum average forword
rectified current
TA=65℃
(NOTE 1)
Peak forward surge current 8.3ms single
half-sine-wave superimposed
IFSM
- 55 --- + 150
Maximum reverse recovery time (NOTE 3)
25
Device marking code
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - ES07D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES07D GE-ES07D Datasheet
30Kb / 1P
Small Surface Mount Ultrafast Rectifiers
logo
Galaxy Semi-Conductor H...
ES07D BILIN-ES07D Datasheet
173Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES07D VISHAY-ES07D Datasheet
137Kb / 6P
Small Surface Mount Ultrafast Diodes
13-Apr-05
ES07D VISHAY-ES07D Datasheet
80Kb / 5P
Small Surface Mount Ultrafast Diodes
20-Aug-10
logo
Shenzhen Taychipst Elec...
ES07D TAYCHIPST-ES07D Datasheet
1Mb / 2P
Small Surface Mount Ultrafast Diodes
More results

Similar Description - ES07D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com