Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54SW Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # BAT54SW
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT54SW Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  BAT54SW Datasheet HTML 1Page - Diode Semiconductor Korea BAT54SW Datasheet HTML 2Page - Diode Semiconductor Korea BAT54SW Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Schottky Barrier Diode
BAT54W/AW/CW/SW
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)R
IR= 100μA
30
V
Reverse voltage leakage current
IR
VR=25V
2.0
μA
Forward voltage
VF
IF=0.1mA
IF=1mA
IF=10mA
IF=30mA
IF=100mA
240
320
400
500
1000
mV
Diode capacitance
CD
VR=1V f=1MHz
10
pF
Reverse recovery time
trr
IF=IR=10mA RL=100Ω
5
ns
PACKAGE OUTLINE
Plastic surface mounted package
SOT-323
SOT-323
Dim
Min
Max
A
1.8
2.2
B
1.15
1.35
C
1.0Typical
D
0.15
0.35
E
0.25
0.40
G
1.2
1.4
H
0.02
0.1
J
0.1Typical
K
2.1
2.3
All Dimensions in mm
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com