Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP8550TLX/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP8550TLX/NOPB
Description  LP8550 High-Efficiency LED Backlight Driver for Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8550TLX/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP8550TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 38Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 39Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 40Page - Texas Instruments LP8550TLX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
ISAT >
x
(VOUT ± VIN)
VOUT
VIN
Where D =
Where IRIPPLE =
(2 x L x f)
DQG'¶= (1 - D)
(VOUT ± VIN)
(VOUT)
+ IRIPPLE
IOUTMAX
'¶
LP8550
www.ti.com
SNVS657E – SEPTEMBER 2010 – REVISED SEPTEMBER 2014
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. Shielded inductors radiate less noise and should be
preferred.
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current.
Equation 3 below shows the worst case conditions.
•
IRIPPLE: Average to peak inductor current
•
IOUTMAX: Maximum load current
•
VIN: Maximum input voltage in application
•
L: Min inductor value including worst case tolerances
•
f: Minimum switching frequency
•
D: Duty cycle for CCM Operation
•
VOUT: Output voltage
(3)
Example using Equation 3:
•
VIN = 12 V
•
VOUT = 38 V
•
IOUT = 400 mA
•
L = 15
μH − 20% = 12 μH
•
f = 1.25 MHz
•
ISAT = 1.6 A
As a result the inductor should be selected according to the ISAT. A more conservative and recommended
approach is to choose an inductor that has a saturation current rating greater than the maximum current limit of
2.5 A. A 15-
μH inductor with a saturation current rating of 2.5 A is recommended for most applications. The
inductor’s resistance should be less than 300 m
Ω for good efficiency. For high efficiency choose an inductor with
high frequency core material such as ferrite to reduce core losses. To minimize radiated noise, use shielded core
inductor. Inductor should be placed as close to the SW pin and the IC as possible. Special care should be used
when designing the PCB layout to minimize radiated noise and to get good performance from the boost
converter.
9.2.1.2.2
Output Capacitor
A ceramic capacitor with 50-V voltage rating or higher is recommended for the output capacitor. The DC-bias
effect can reduce the effective capacitance by up to 80%, which needs to be considered in capacitance value
selection. For light loads a 4.7-
μF capacitor is sufficient. Effectively the capacitance should be 4 μF for < 150 mA
loads. For maximum output voltage/current 10-
μF capacitor (or two 4.7-μF capacitors) is recommended to
minimize the output ripple.
9.2.1.2.3
LDO Capacitor
A 1
μF ceramic capacitor with 10-V voltage rating is recommended for the LDO capacitor.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP8550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com