Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1KB Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # RS1KB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RS1KB Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  RS1KB Datasheet HTML 1Page - Diode Semiconductor Korea RS1KB Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
RS1DB RS1GB RS1JB RS1KB
Maximumrecurrent peak reverse voltage
V
RRM
200
400
600
800
V
MaximumRMS voltage
V
RWS
140
280
420
560
V
MaximumDC blocking voltage
V
DC
200
400
600
800
V
Maximumaverage forw ord rectified current
c
@ T
L=90
OC
I
F(AV)
Peak forw ard surge current 8.3ms single
c half-sine-w ave superimposed on rated
c load
I
FSM
A
Maximuminstantaneous forw ard voltage at 1.0A
V
F
V
MaximumDC reverse current
@T
A=25
oC
at rated DC blocking voltage @T
A=125
oC
Maximumreverse recovery time (NOTE1)
t
rr
250
ns
Typical junction capacitance (NOTE2)
C
J
pF
R JA
R
JL
Operating junction and storage temperature range TJTSTG
oC
700
1000
50
100
RS1MB
1000
50.0
1.30
- 55 ------ + 150
5.0
105
32
I
R
NOTE: 1.Rev erse recov ery time test conditions:I
F=0.5A,IR=1.0A,Irr=0.25A
RS1AB---RS1MB
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0 Volts
REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 1.0A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AA,molded plastic over
1111passivated chip
SURFACE MOUNT RECTIFIERS
Terminals:Solder plated, solderable per MIL-STD-
1111750, Method 2026
Plastic package has underwriters laborator
111
flammability classification 94V-0
DO - 214AA(SMB)
Typical thermal resitance (NOTE3)
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.2''X0.2''(5.0X5.0mm2) copper pad areas
For surface mounted applications
UNITS
50
100
35
oC/W
RS1BB
High temperature soldering:
111 250
oC/10 seconds at terminals
Low profile package
RS1AB
Polarity: color band denotes cathode end
Weight: 0.003 ounces, 0.093 gram
Glass passivated chip junction
1.0
70
10
500
150
30.0
Dimensions in millimeters
7.0
A
A
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - RS1KB

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1KB SSE-RS1KB Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS1KB DIODES-RS1KB Datasheet
47Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. G-2
logo
Weitron Technology
RS1KB WEITRON-RS1KB Datasheet
177Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
PACELEADER INDUSTRIAL
RS1KB PACELEADER-RS1KB Datasheet
142Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1KB DAYA-RS1KB Datasheet
52Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1KB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com