| Electronic Components Datasheet Search |
|
STA400A Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA400A Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 117 page ![]() 21/117 STA400A C/N Estimator This block gives the signal to noise ratio at the Nyquist filter output. It computes the statistic (mean and variance) of a single component of the demodulated complex signal and writes the estimated C/N value in dB in the CN register. This register has a fixed point format. The integer part of the number is stored in the six MSBs (bit7-2) and the fractional part in the two LSBs (bit1-0). The C/N estimation is correct only when the QPSK demodulator is locked. Carrier Null Offset This block is used to enhance the acquisition performance of the carrier loop. It may be enabled/disabled setting bit-6 of the QPSK_CTRL register. The block consists of a FSM that is activated when the carrier loop has reached the lock condition (low level on at the Lock Detector output). The FSM checks if the lock detector output is low for a programmable period (see NULOFS_WIN register) and then it writes the locked carrier frequency value (read from the CARFREQ register) into the Carrier NCO. It resets also the carrier loop filter integrator and disables the frequency sweep (see fig.6). In this way the demodulator works with a null carrier offset resulting in a faster re-acquisition time of the carrier in case of a signal drop-out. The NULOFS_DELTAF register gives the possibility to subtract a programmed fre- quency from the locked carrier before writing the new value in the carrier NCO. The flow diagram of the CarrierNullOffset FSM is showed in fig.13 Flag Register A flag register is provided in the QPSK demodulator. This is a read only register containing specific status bits of the demodulator. It gives information on the lock staus and on the operation of the CarrierNullOffset and Ti- mintgCtrl blocks. Figure 13. CarrierNullOffset FSM Flow Diagram demodulator locked (LOCK=0) demodulator unlocked system reset or block disable demodulator locked for a time less than a fixed value (NULOFS_WIN) demodulator locked for a time equal to the fixed value (NULOFS_WIN) no system reset and block enable Reading lock Reading lock Time counter active Frequency.Sweep Disabled Carrier Loop Filte Integrator Cleared Writing New IF Frequency in the Carrier NCO: NEW_IF_FREQ= CARFREQ-NULOFS_DELTAF Clear release in the carrier loop filter integrator system reset or block disable (NULOFS_EN=0) or demodulator unlocked (LOCK=1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |