Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC1001AI2 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # DSC1001AI2
Description  Low-Power Precision CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC1001AI2 Datasheet(HTML) 3 Page - Micrel Semiconductor

  DSC1001AI2 Datasheet HTML 1Page - Micrel Semiconductor DSC1001AI2 Datasheet HTML 2Page - Micrel Semiconductor DSC1001AI2 Datasheet HTML 3Page - Micrel Semiconductor DSC1001AI2 Datasheet HTML 4Page - Micrel Semiconductor DSC1001AI2 Datasheet HTML 5Page - Micrel Semiconductor DSC1001AI2 Datasheet HTML 6Page - Micrel Semiconductor DSC1001AI2 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
MK-Q-B-P-D-050610-01-9
DSC1001
1.8~3.3V
Low-Power Precision CMOS Oscillator
VDD = 1.8v
VDD = 2.5v
VDD = 3.3v
Notes:
1.
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be
operated beyond these limits.
2.
tSU is time to stable output frequency after VDD is applied. tSU and tEN (after Standby# is asserted high) are identical values.
3.
Measured over 50k clock cycles.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°C
1MHz
27MHz
70MHz
150MHz
6.0
6.5
7.2
8.3
6.3
6.9
7.5
9.1
mA
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.8
1.0
3
3
ns
Jitter, Max Cycle to Cycle
JCC
F = 100MHz3
60
Ps
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°C
1MHz
27MHz
70MHz
150MHz
6.0
6.7
7.7
9.6
6.3
7.0
8.1
10.6
mA
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.0
0.9
2
2
ns
Jitter, Max Cycle to Cycle
JCC
F = 100MHz3
50
ps
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current, no load
IDD
CL=0p
RL=∞
T=25°C
1MHz
27MHz
70MHz
150MHz
6.0
6.8
8.2
10.8
6.3
7.2
8.7
12.2
mA
Output Transition time
Rise Time
Fall Time
tR
tF
CL=15pF; T=25°C
20%/80%*VDD
1.0
0.9
2
2
ns
Jitter, Max Cycle to Cycle
JCC
F = 100MHz3
50
ps



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com