Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF8575CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CPWR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CPWR Datasheet(HTML) 3 Page - Texas Instruments

  PCF8575CPWR Datasheet HTML 1Page - Texas Instruments PCF8575CPWR Datasheet HTML 2Page - Texas Instruments PCF8575CPWR Datasheet HTML 3Page - Texas Instruments PCF8575CPWR Datasheet HTML 4Page - Texas Instruments PCF8575CPWR Datasheet HTML 5Page - Texas Instruments PCF8575CPWR Datasheet HTML 6Page - Texas Instruments PCF8575CPWR Datasheet HTML 7Page - Texas Instruments PCF8575CPWR Datasheet HTML 8Page - Texas Instruments PCF8575CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
VCC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
24 23 22 21 20
7
8
9 10 11
1
2
3
4
5
6
18
17
16
15
14
13
RGE PACKAGE
(TOP VIEW)
19
12
P00
P01
P03
P03
P04
P05
A0
P17
P16
P15
P14
P13
PCF8575C
www.ti.com
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
5 Pin Configuration
Pin Functions
PIN
TYPE
NAME
NO.
DESCRIPTION
DB, DBQ, DGV,
RGE
DW, AND PW
INT
1
22
I
Interrupt output. Connect to VCC through a pullup resistor.
A1
2
23
I
Address input 1. Connect directly to VCC or ground. Pullup resistors are not needed.
A2
3
24
I
Address input 2. Connect directly to VCC or ground. Pullup resistors are not needed.
P00
4
1
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P01
5
2
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P02
6
3
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P03
7
4
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P04
8
5
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P05
9
6
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P06
10
7
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P07
11
8
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
GND
12
9
—
Ground
P10
13
10
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P11
14
11
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P12
15
12
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P13
16
13
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P14
17
14
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P15
18
15
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P16
19
16
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
P17
20
17
I/O
P-port input/output. Open-drain design structure. Connect to VCC through a pullup resistor.
A0
21
18
I
Address input 0. Connect directly to VCC or ground. Pullup resistors are not needed.
SCL
22
19
I
Serial clock line. Connect to VCC through a pullup resistor
SDA
23
20
I/O
Serial data line. Connect to VCC through a pullup resistor.
VCC
24
21
—
Supply voltage
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com