Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OrderableDevice Datasheet(PDF) 4 Page - Texas Instruments

Part # OrderableDevice
Description  CMOS Dual Operational Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OrderableDevice Datasheet(HTML) 4 Page - Texas Instruments

  OrderableDevice Datasheet HTML 1Page - Texas Instruments OrderableDevice Datasheet HTML 2Page - Texas Instruments OrderableDevice Datasheet HTML 3Page - Texas Instruments OrderableDevice Datasheet HTML 4Page - Texas Instruments OrderableDevice Datasheet HTML 5Page - Texas Instruments OrderableDevice Datasheet HTML 6Page - Texas Instruments OrderableDevice Datasheet HTML 7Page - Texas Instruments OrderableDevice Datasheet HTML 8Page - Texas Instruments OrderableDevice Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LMC6032
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V− =
GND = 0V, VCM = 1.5V, VOUT = 2.5V and RL > 1M unless otherwise specified.
Symbol
Parameter
Conditions
Typical
LMC6032I
Units
(1)
Limit
(2)
VO
Output Voltage Swing
V+ = 5V
4.87
4.20
V
RL = 2 kΩ to 2.5V
4.00
min
0.10
0.25
V
0.35
max
V+ = 5V
4.61
4.00
V
RL = 600Ω to 2.5V
3.80
min
0.30
0.63
V
0.75
max
V+ = 15V
14.63
13.50
V
RL = 2 kΩ to 7.5V
13.00
min
0.26
0.45
V
0.55
max
V+ = 15V
13.90
12.50
V
RL = 600Ω to 7.5V
12.00
min
0.79
1.45
V
1.75
max
IO
Output Current
V+ = 5V
22
13
mA
Sourcing, VO = 0V
9
min
Sinking, VO = 5V
21
13
mA
9
min
V+ = 15V
40
23
mA
Sourcing, VO = 0V
15
min
Sinking, VO = 13V
(4)
39
23
mA
15
min
IS
Supply Current
Both Amplifiers
0.75
1.6
mA
VO = 1.5V
1.9
max
(4)
Do not connect output to V+, when V+ is greater than 13V or reliability may be adversely affected.
4
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com