Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-280 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-280
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-280 Datasheet(HTML) 4 Page - CUI INC

  VOF-280 Datasheet HTML 1Page - CUI INC VOF-280 Datasheet HTML 2Page - CUI INC VOF-280 Datasheet HTML 3Page - CUI INC VOF-280 Datasheet HTML 4Page - CUI INC VOF-280 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 06/27/2016
│ page 4 of 5
CUI Inc
│ SERIES: VOF-280 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
127 x 76.2 x 39.6
mm
weight
0.36
kg
cooling
external fan
AC input
CN1 mates with Molex 09-50-7031 housing with
Molex 2478 series crimp contact or equivalent
DC output
CN2 mates with Molex 09-50-7101 housing with
Molex 2478 series crimp contact or equivalent
Auxiliary (Fan) output
Fan mates with JST XHP-2 housing with JST
SXH-001T-P0.6 contact or equivalent
MECHANICAL DRAWING
units: mm [inch]
tolerance: ±0.3 mm
+
-
FAN CONNECTOR
FAN
CN1
PIN
Function
1
L
2
NP
3
N
CN2
PIN
Function
1
+Vo
2
+Vo
3
+Vo
4
+Vo
5
+Vo
6
-Vo
7
-Vo
8
-Vo
9
-Vo
10
-Vo
FAN
PIN
Function
1
+FAN
2
-FAN
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com