Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-225 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-225
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-225 Datasheet(HTML) 2 Page - CUI INC

  VOF-225 Datasheet HTML 1Page - CUI INC VOF-225 Datasheet HTML 2Page - CUI INC VOF-225 Datasheet HTML 3Page - CUI INC VOF-225 Datasheet HTML 4Page - CUI INC VOF-225 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 06/27/2016
│ page 2 of 5
CUI Inc
│ SERIES: VOF-225 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
277
Vac
frequency
47
63
Hz
current
at 115 Vac, full load
at 230 Vac, full load
2.8
1.5
A
A
inrush current
at 230 Vac, cold start
80
A
leakage current
3.5
mA
power factor correction
at 115 Vac, full load
at 230 Vac, full load
0.98
0.95
no load power consumption
at 230 Vac
0.5
W
input fuse
6.3 A / 250 V time delay fuse (included)
OUTPUT
parameter
conditions/description
min
typ
max
units
initial set point accuracy
±3
%
line regulation
±0.5
%
load regulation
from 100%~10% load
±1
%
transient response
1 kHz, 90%~10% load
VOF-225-12
VOF-225-15
VOF-225-24
VOF-225-36
VOF-225-48
1,200
1,500
2,400
3,600
4,800
mVp-p
mVp-p
mVp-p
mVp-p
mVp-p
start-up delay time
at 115 Vac
at 230 Vac
200
100
ms
ms
start-up rise time
at 115/230 Vac
60
ms
hold-up time
at 115/230 Vac
10
ms
adjustability
built in trim pot
±5
%
swithching frequency
75
400
kHz
temperature coefficient
±0.03
%/°C
fan output
12 Vdc / 300 mA
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
latch mode
VOF-225-12
VOF-225-15
VOF-225-24
VOF-225-36
VOF-225-48
13.8
16.5
26.5
38.5
55
15.8
19.5
31.5
43.5
62
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
hiccup, auto recovery
110
%
short circuit protection
latch
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to ground
output to ground
3,000
1,500
500
Vac
Vac
Vac
safety approvals
UL 60950-1, EN 60950-1, IEC 60950-1
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com