Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX191AMRG Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX191AMRG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191AMRG Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX191AMRG Datasheet HTML 12Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 13Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 14Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 15Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 16Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 17Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 18Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 19Page - Maxim Integrated Products MAX191AMRG Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
fSCLK(MAX) = (1/2) x 1/ (tsu(M) + t22)
where tsu(M) is the minimum data-setup time re-
quired at the serial data input to the µP. For example,
Motorola’s MC68HC11A8 data book specifies a 100ns
minimum data-setup time. Using the worst case for a
military grade part of t22 = 280ns (see Timing
Characteristics) and substituting in the above equation
indicates a maximum SCLK frequency of 1.3MHz.
Using the MAX191 with SPI, QSPI and
MICROWIRE Serial Interfaces
Figure 13 shows interface connections to the MAX191
for common serial-interface standards.
SPI and MICROWIRE (CPOL=0, CPHA=0)
The MAX191 is compatible with SPI, QSPI and
MICROWIRE serial-interface standards. When using SPI
or QSPI, two modes are available to interface with the
MAX191. You can set CPOL = 0 and CPHA = 0 (Figure
14a), or set CPOL = 1 and CPHA = 1 (Figure 14b). When
using CPOL = 0 and CPHA = 0, the conversion begins
on the first falling edge of SCLK following CS going low.
Data is available from DOUT on the rising edge of SCLK,
and transitions on the falling edge. Two consecutive
1-byte reads are required to get the full 12 bits from the
ADC. The first byte contains the following, in this order: a
leading unknown bit (DOUT will still be high-impedance
on the first bit), a 0, and the six MSBs. The second byte
contains the remaining six LSBs and two trailing 0s.
SPI (CPOL=1, CPHA=1)
Setting CPOL = 1 and CPHA = 1 starts the clock high
during a read instruction. The MAX191 will shift out a
leading 0 followed by the 12 data bits and three trailing
0s (Figure 14b).
QSPI
Unlike SPI, which requires two 1-byte reads to acquire
the 12 bits of data from the ADC, QSPI allows the mini-
mum number of clock cycles required to clock in the
data (Figure 15).
TMS320 Serial Interface
Figure 13d shows the pin connections to interface the
MAX191 to the TMS320. Since the MAX191 makes data
available on the rising edge of SCLK and the TMS320
shifts data in on the falling edge of CLKR, use CLKX of the
DSP to drive SCLK, and CLKX to drive the DSP’s CLKR
input. The inverter’s propagation delay also provides more
data-setup time at the DSP. For example, with no inverter
delay, and using t22 = 280ns and fSCLK = 1.6MHz, the
available setup time before the SCLK transition is:
setup time = 1/ (2 x fSCLK) - t22 = 1/ (2 x 1.6E6) - 280ns = 32ns
This still exceeds the 13ns minimum DR setup time before
the CLKR goes low (tsu(DR)), however, a generic 74HC04
provides an additional 20ns setup time (see Figure 13d).
Figure 16 shows the DSP interface timing characteris-
tics. The DSP begins clocking data in on the falling
edge of CLKR after the falling edge of SSTRB.
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
16
______________________________________________________________________________________
DOUT
LEADING
ZERO
MSB
D9
D10
D7
D8
D5
D6
D3
D4
D1
D2
LSB
CS
SCLK
HIGH-Z
1ST BYTE READ
2ND BYTE READ
HIGH-Z
a. CPOL = 0, CPHA = 0
DOUT
LEADING
ZERO
MSB
D9
D10
D7
D8
D5
D6
D3
D4
D1
D2
LSB
CS
SCLK
HIGH-Z
HIGH-Z
b. CPOL = 1, CPHA = 1
Figure 14. SPI/MICROWIRE Serial-Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com