Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8390D Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390D
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390D Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8390D Datasheet HTML 17Page - National Semiconductor (TI) DP8390D Datasheet HTML 18Page - National Semiconductor (TI) DP8390D Datasheet HTML 19Page - National Semiconductor (TI) DP8390D Datasheet HTML 20Page - National Semiconductor (TI) DP8390D Datasheet HTML 21Page - National Semiconductor (TI) DP8390D Datasheet HTML 22Page - National Semiconductor (TI) DP8390D Datasheet HTML 23Page - National Semiconductor (TI) DP8390D Datasheet HTML 24Page - National Semiconductor (TI) DP8390D Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
100 Internal Registers (Continued)
103 Register Descriptions
(Continued)
INTERRUPT MASK REGISTER (IMR)
0FH (WRITE)
The Interrupt Mask Register is used to mask interrupts Each interrupt mask bit corresponds to a bit in the Interrupt Status
Register (ISR) If an interrupt mask bit is set an interrupt will be issued whenever the corresponding bit in the ISR is set If any bit
in the IMR is set low an interrupt will not occur when the bit in the ISR is set The IMR powers up all zeroes
765
4
3210
RDCE CNTE OVWE TXEE RXEE PTXE PRXE
Bit
Symbol
Description
D0
PRXE
PACKET RECEIVED INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when packet received
D1
PTXE
PACKET TRANSMITTED INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when packet is transmitted
D2
RXEE
RECEIVE ERROR INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when packet received with error
D3
TXEE
TRANSMIT ERROR INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when packet transmission results in error
D4
OVWE
OVERWRITE WARNING INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when Buffer Management Logic lacks sufficient buffers to
store incoming packet
D5
CNTE
COUNTER OVERFLOW INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when MSB of one or more of the Network Statistics
counters has been set
D6
RDCE
DMA COMPLETE INTERRUPT ENABLE
0 Interrupt Disabled
1 Enables Interrupt when Remote DMA transfer has been completed
D7
reserved
reserved
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com