Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ28550-R1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550-R1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ28550-R1 Datasheet HTML 15Page - Texas Instruments BQ28550-R1 Datasheet HTML 16Page - Texas Instruments BQ28550-R1 Datasheet HTML 17Page - Texas Instruments BQ28550-R1 Datasheet HTML 18Page - Texas Instruments BQ28550-R1 Datasheet HTML 19Page - Texas Instruments BQ28550-R1 Datasheet HTML 20Page - Texas Instruments BQ28550-R1 Datasheet HTML 21Page - Texas Instruments BQ28550-R1 Datasheet HTML 22Page - Texas Instruments BQ28550-R1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
The communication format and protocol complies with the SMBus.
7.6.3 Programming
7.6.3.1 General Purpose Input-Output
7.6.3.1.1
CFET Control
The GPIO can be configured to provide a signal called Charge FET control (CFET) using firmware. This output
controls external circuitry to change the state of the external CHG FET. A low signal on this pin in association
with recommended external components turns OFF the CHG FET. A high output maintains or turns ON the CHG
FET after a valid turn OFF activity. The state of the GPIO on power-up will be low until the system is initialized
and an internal power supply is active. The CFET control bit is located in the Control status register. If this output
is not used, then connect this pin to VREG externally.
The following parameters can be programmed in firmware for monitoring and protection using CFET control
circuitry, providing the limits are set within the boundaries of the hardware thresholds:
•
Cell Overvoltage Condition
•
Overcurrent Charging Condition
•
Overtemperature Charging Condition
7.6.3.1.2
ALERT Output
Another option for the GPIO is to be configured as an ALERT output to indicate any one of the following fault
conditions, and to provide an interrupt signal to the host microprocessor:
•
Overcurrent Charging Condition
•
Overcurrent Discharging Condition
•
Overtemperature Condition
•
Overvoltage Condition
•
Undervoltage Condition
The threshold trigger for these conditions is set through firmware registers, with each fault condition to be
selectable for detection. The output is an open drain output with an external pull-up (through a 3.3k resistor). The
ALERT output can be reset after the fault condition is removed OR can be latched and reset only by the host
MCU resetting the ALERT register value to zeroes. If this output is not used, then connect this pin to VREG
externally.
7.6.4 Communications
7.6.4.1 Authentication
The bq28550-R1 device can act as a SHA-1/HMAC authentication slave by using its internal engine. Refer to the
Application Note SLUA359 for SHA-1/HMAC for information.
By sending a 160-bit SHA-1 challenge message to the bq28550-R1 device, it causes the gauge to return a 160-
bit digest, based upon the challenge message and a hidden, 128-bit plain-text authentication key. If this digest
matches an identical one generated by a host or dedicated authentication master, and when operating on the
same challenge message and using the same plain text keys, the authentication process is successful.
7.6.4.1.1
Key Programming (Data Flash Key)
By
default,
the
bq28550-R1
device
contains
a
default
plain-text
authentication
key
of
0x0123456789ABCDEFFEDCBA9876543210. This default key is intended for development purposes. It should
be changed to a secret key and the part immediately sealed before putting a pack into operation. Once written, a
new plain-text key cannot be read again from the gas gauge while in SEALED mode.
Once the bq28550-R1 device is FULL ACCESS, the authentication key can be changed from its default value by
writing to the Authentication() Extended Data Command locations. A 0x00 is written to BlockDataControl() to
enable the authentication data commands. The bq28550-R1 device is now prepared to receive the 16-byte plain-
text key, which must begin at the command location 0x40 and ending at 0x4f. Once written, the key is accepted
when a successful checksum for the key has been written to AuthenticateChecksum(). The gauge can then be
SEALED again.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com