Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS
Description  Decade and Binary Counters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LS Datasheet HTML 1Page - National Semiconductor (TI) 74LS Datasheet HTML 2Page - National Semiconductor (TI) 74LS Datasheet HTML 3Page - National Semiconductor (TI) 74LS Datasheet HTML 4Page - National Semiconductor (TI) 74LS Datasheet HTML 5Page - National Semiconductor (TI) 74LS Datasheet HTML 6Page - National Semiconductor (TI) 74LS Datasheet HTML 7Page - National Semiconductor (TI) 74LS Datasheet HTML 8Page - National Semiconductor (TI) 74LS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF6381
June 1989
DM74LS90DM74LS93
Decade and Binary Counters
General Description
Each of these monolithic counters contains four master-
slave flip-flops and additional gating to provide a divide-by-
two counter and a three-stage binary counter for which the
count cycle length is divide-by-five for the ’LS90 and divide-
by-eight for the ’LS93
All of these counters have a gated zero reset and the LS90
also has gated set-to-nine inputs for use in BCD nine’s com-
plement applications
To use their maximum count length (decade or four bit bina-
ry) the B input is connected to the QA output The input
count pulses are applied to input A and the outputs are as
described in the appropriate truth table A symmetrical di-
vide-by-ten count can be obtained from the ’LS90 counters
by connecting the QD output to the A input and applying the
input count to the B input which gives a divide-by-ten square
wave at output QA
Features
Y
Typical power dissipation 45 mW
Y
Count frequency 42 MHz
Connection Diagrams (Dual-In-Line Packages)
TLF6381 – 1
Order Number DM74LS90M or DM74LS90N
See NS Package Number M14A or N14A
TLF6381 – 2
Order Number DM74LS93M or DM74LS93N
See NS Package Number M14A or N14A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74LS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
74LS MITSUBISHI-74LS Datasheet
224Kb / 4P
OCTAL BUFFER/LINE DRIVERS WITH 3-STATE OUTPUT(NONINVERTED)
logo
ON Semiconductor
74LS ONSEMI-74LS Datasheet
74Kb / 4P
SYNCHRONOUS 4-BIT UP/DOWN COUNTER
logo
Fairchild Semiconductor
74LS00 FAIRCHILD-74LS00 Datasheet
59Kb / 5P
Quad 2-Input NAND Gate
logo
List of Unclassifed Man...
74LS00 ETC1-74LS00 Datasheet
60Kb / 1P
QUAD 2-INPUT NAND GATE
logo
SYC Electronica
74LS00 SYC-74LS00 Datasheet
112Kb / 5P
Quad 2-Input NAND Gate
More results

Similar Description - 74LS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
Decade and Binary Counters
logo
Texas Instruments
SN54290 TI-SN54290 Datasheet
297Kb / 8P
DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
Decade and Binary Counters
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
logo
Texas Instruments
SN5490A TI-SN5490A_08 Datasheet
973Kb / 23P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
DECADE AND 4-BIT BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com