Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1150-RTY1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 7Page - Texas Instruments CC1150-RTY1 Datasheet HTML 8Page - Texas Instruments CC1150-RTY1 Datasheet HTML 9Page - Texas Instruments CC1150-RTY1 Datasheet HTML 10Page - Texas Instruments CC1150-RTY1 Datasheet HTML 11Page - Texas Instruments CC1150-RTY1 Datasheet HTML 12Page - Texas Instruments CC1150-RTY1 Datasheet HTML 13Page - Texas Instruments CC1150-RTY1 Datasheet HTML 14Page - Texas Instruments CC1150-RTY1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
BIAS
XOSC_Q1 XOSC_Q2
XOSC
FREQ
SYNTH
RADIO CONTROL
RF_P
RF_N
CSn
SI
SO (GDO1)
SCLK
GDO0 (ATEST)
RBIAS
PA
CC1150
www.ti.com
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
5
Detailed Description
5.1
Overview
The CC1150 transmitter is based on direct synthesis of the RF frequency. The frequency synthesizer
includes a completely on-chip LC VCO.
A crystal is to be connected to XOSC_Q1 and XOSC_Q2. The crystal oscillator generates the reference
frequency for the synthesizer, as well as clocks for the digital part. A 4-wire SPI serial interface is used for
configuration and data buffer access. The digital baseband includes support for channel configuration,
packet handling and data buffering.
5.2
Functional Block Diagram
Figure 5-1. CC1150 Simplified Block Diagram
5.3
Configuration Overview
CC1150 can be configured to achieve optimum performance for many different applications. Configuration
is done using the SPI interface. The following key parameters can be programmed:
Power-down and power-up mode
Crystal oscillator power up and power down
Transmit mode
RF channel selection
Data rate
Modulation format
RF output power
Data buffering with 64-byte transmit FIFO
Packet radio hardware support
Forward Error Correction with interleaving
Data Whitening
Details of each configuration register can be found in Section 5.20.
Figure 5-2 shows a simplified state diagram that explains the main CC1150 states, together with typical
usage and current consumption. For detailed information on controlling the CC1150 state machine, and a
complete state diagram, see Section 5.11.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
11
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com