Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z95DBTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z95DBTR
Description  SBS 1.1-COMPLIANT GAS GAUGE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z95DBTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ20Z95DBTR Datasheet HTML 7Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 8Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 9Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 10Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 11Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 12Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 13Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 14Page - Texas Instruments BQ20Z95DBTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
bq20z95
www.ti.com
SLUS757C – JULY 2007 – REVISED OCTOBER 2013
FEATURE SET
Primary (1st Level) Safety Features
The bq20z95 supports a wide range of battery and system protection features that can easily be configured. The
primary safety features include:
Cell over/undervoltage protection
Charge and discharge overcurrent
Short circuit
Charge and discharge overtemperature
AFE watchdog
Secondary (2nd Level) Safety Features
The secondary safety features of the bq20z95 can be used to indicate more serious faults via the SAFE (pin 7).
This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. The secondary safety protection features include:
Safety overvoltage
Safety overcurrent in Charge and Discharge
Safety overtemperature in Charge and Discharge
Charge FET and 0-V Charge FET fault
Discharge FET fault
AFE communication fault
Charge Control Features
The bq20z95 charge control features include:
Reports the appropriate charging current needed for constant current charging and the appropriate charging
voltage needed for constant voltage charging to a smart charger using SMBus broadcasts.
Determines the chemical state of charge of each battery cell using Impedance Track and can reduce the
charge difference of the battery cells in fully charged state of the battery pack gradually using cell balancing
algorithm during charging. This prevents fully charged cells from overcharging and causing excessive
degradation and also increases the usable pack energy by preventing premature charge termination
Supports pre-charging/zero-volt charging
Support fast charging
Supports charge inhibit and charge suspend if battery pack temperature is out of temperature range
Reports charging fault and also indicate charge status via charge and discharge alarms.
Gas Gauging
The bq20z95 uses the Impedance Track technology to measure and calculate the available charge in battery
cells. The achievable accuracy is better than 1% error over the lifetime of the battery and there is no full charge
discharge learning cycle required.
See Theory and Implementation of Impedance Track Battery Fuel-Gauging Algorithm application note (SLUA364)
for further details.
Authentication
The bq20z95 supports authentication by the host using SHA-1.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq20z95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com