Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LS181 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS181
Description  4-Bit Arithmetic Logic Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS181 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LS181 Datasheet HTML 1Page - National Semiconductor (TI) 74LS181 Datasheet HTML 2Page - National Semiconductor (TI) 74LS181 Datasheet HTML 3Page - National Semiconductor (TI) 74LS181 Datasheet HTML 4Page - National Semiconductor (TI) 74LS181 Datasheet HTML 5Page - National Semiconductor (TI) 74LS181 Datasheet HTML 6Page - National Semiconductor (TI) 74LS181 Datasheet HTML 7Page - National Semiconductor (TI) 74LS181 Datasheet HTML 8Page - National Semiconductor (TI) 74LS181 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9821
June 1992
DM54LS181DM74LS181
4-Bit Arithmetic Logic Unit
General Description
The ’LS181 is a 4-bit Arithmetic Logic Unit (ALU) which can
perform all the possible 16 logic operations on two variables
and a variety of arithmetic operations
Features
Y
Provides 16 arithmetic operations add subtract com-
pare double plus twelve other arithmetic operations
Y
Provides all 16 logic operations of two variables exclu-
sive-OR compare AND NAND OR NOR plus ten
other logic operations
Y
Full lookahead for high speed arithmetic operation on
long words
Connection Diagram
Dual-In-Line Package
TLF9821 – 1
Order Number DM54LS181J DM54LS181W or DM74LS181N
See NS Package Number J24A N24A or W24C
Pin Names
Description
A0–A3
Operand Inputs (Active LOW)
B0–B3
Operand Inputs (Active LOW)
S0 – S3
Function Select Inputs
M
Mode Control Input
Cn
Carry Input
F0–F3
Function Outputs (Active LOW)
A e B
Comparator Output
G
Carry Generate Output (Active LOW)
P
Carry Propagate Output (Active LOW)
Cna4
Carry Output
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 74LS181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LS181 TI-74LS181 Datasheet
677Kb / 18P
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
Fairchild Semiconductor
74LS181 FAIRCHILD-74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
logo
List of Unclassifed Man...
74LS181 ETC1-74LS181 Datasheet
814Kb / 8P
74181, LS181, 5181 Arithmetic Logic Units 4-Blt Arithmetlc Loglc Unit Product Speciflcation
December 4, 1985
More results

Similar Description - 74LS181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS181 MOTOROLA-SN54LS181 Datasheet
277Kb / 9P
4-BIT ARITHMETIC LOGIC UNIT
logo
National Semiconductor ...
54F181DM NSC-54F181DM Datasheet
218Kb / 10P
4-Bit Arithmetic Logic Unit
logo
STMicroelectronics
HCC40181B STMICROELECTRONICS-HCC40181B Datasheet
272Kb / 12P
4-BIT ARITHMETIC LOGIC UNIT
Jun-1989
logo
Fairchild Semiconductor
74F381 FAIRCHILD-74F381 Datasheet
77Kb / 8P
4-Bit Arithmetic Logic Unit
DM74LS181 FAIRCHILD-DM74LS181 Datasheet
74Kb / 7P
4-Bit Arithmetic Logic Unit
DM93S41 FAIRCHILD-DM93S41 Datasheet
61Kb / 7P
4-Bit Arithmetic Logic Unit
logo
NXP Semiconductors
74AC11181 PHILIPS-74AC11181 Datasheet
500Kb / 19P
4 BIT ARITHMETIC LOGIC UNIT
October 1990
logo
National Semiconductor ...
54LS181 NSC-54LS181 Datasheet
193Kb / 7P
4-BIT ARITHMETIC LOGIC UNIT
logo
Motorola, Inc
MC5474F181 MOTOROLA-MC5474F181 Datasheet
125Kb / 5P
4-BIT ARITHMETIC LOGIC UNIT
MC14581B MOTOROLA-MC14581B Datasheet
233Kb / 7P
4-Bit Arithmetic Logic Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com