Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22381SI-RGL Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY22381SI-RGL
Description  Three-PLL General Purpose FLASH Programmable Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22381SI-RGL Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY22381SI-RGL Datasheet HTML 1Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 2Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 3Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 4Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 5Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 6Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 7Page - Cypress Semiconductor CY22381SI-RGL Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY22381
Document #: 38-07012 Rev. *D
Page 5 of 8
Switching Characteristics
Parameter
Name
Description
Min.
Typ.
Max.
Unit
1/t1
Output Frequency[3, 4]
Clock output limit, Commercial
200
MHz
Clock output limit, Industrial
166
MHz
t2
Output Duty Cycle[3, 5]
Duty cycle for outputs, defined as t2 ÷ t1,
Fout < 100 MHz, divider >= 2, measured
at VDD/2
45%
50%
55%
Duty cycle for outputs, defined as t2 ÷ t1,
Fout > 100 MHz or divider = 1, measured
at VDD/2
40%
50%
60%
t3
Rising Edge Slew Rate[3]
Output clock rise time, 20% to 80% of VDD
0.75
1.4
V/ns
t4
Falling Edge Slew Rate[3]
Output clock fall time, 20% to 80% of VDD
0.75
1.4
V/ns
t5
Output Three-state Timing[3]
Time for output to enter or leave
three-state mode after SHUTDOWN/OE
switches
150
300
ns
t6
Clock Jitter[3, 6]
Peak-to-peak period jitter, CLK outputs
measured at VDD/2
200
ps
t7
Lock Time[3]
PLL Lock Time from Power-up
1.0
3
ms
Switching Waveforms
Notes:
4. Guaranteed to meet 20% – 80% output thresholds and duty cycle specifications.
5. Reference Output duty cycle depends on XTALIN duty cycle.
6. Jitter varies significantly with configuration. Reference Output jitter depends on XTALIN jitter and edge rate.
t1
OUTPUT
t2
t3
t4
All Outputs, Duty Cycle and Rise/Fall Time
t5
OE
ALL
OUTPUTS
t5
Output Three-State Timing
THREE-STATE
CLK Output Jitter
CLK
OUTPUT
t6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com